Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71325 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 71325
Description  Wiha Sockets
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

71325 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  71325 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
212
Hex Metric Sockets 1/4” Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
713 01
1.5
38
.04
713 02
2.0
38
.04
713 05
2.5
38
.04
713 13
3.0
38
.04
713 14
4.0
38
.04
713 17
5.0
38
.05
713 19
6.0
38
.05
713 27
8.0
38
.05
713 40
10.0
38
.05
713
Hex Metric Sockets 3/8” Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
mm
mm
lbs.
713 00
2.0
42
.09
713 16
2.5
42
.09
713 41
3.0
42
.09
713 31
4.0
42
.09
713 23
5.0
42
.09
713 25
6.0
42
.09
713 20
8.0
42
.10
713 22
10.0
42
.11
713
Hex Metric Sockets 3/8” Square drive
socket. Replaceable bit. 5/16” bits CVM steel.
Item
No.
mm
mm
lbs.
713 32
12.0
75
.22
713
Hex To Square 1/4” socket bit adapter.
Item
No.
Size
mm Drive
lbs.
721 10
1/4”
25
1/4”
.03
721 15
1/4”
30
3/8”
.05
721
Tool Shaft 1/4” drive socket
power adapter.
Item
No.
Drive mm
Drive
lbs.
724 01
1/4”
100
1/4”
.09
724 05
1/4”
50
1/4”
.03
724 10
1/4”
100
3/8”
.17
724 15
1/4”
50
3/8”
.06
724
Impact Bit Holding Socket With
Retaining Ring For 1/4” drive bits.
Item
No.
Bit
mm
Drive
lbs.
720 01
1/4
25
1/4”
.05
720 02
1/4
30
3/8”
.10
720 03
1/4
35
1/2”
.21
720
Wiha Sockets
Hex Sockets 1/4
Square drive
socket. Replaceable bit. 1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
713 71
1/16
38
.05
713 70
5/64
38
.05
713 72
3/32
38
.05
713 74
7/64
38
.05
713 76
1/8
38
.05
713 78
9/64
38
.05
713 80
5/32
38
.05
713 82
3/16
38
.05
713 84
7/32
38
.05
713 86
1/4
38
.05
713
Security Hex Inch Sockets
3/8
Square drive socket. Replaceable bit.
1/4” bits CVM steel.
Item
No.
Inch
mm
lbs.
761 64
5/64
42
.09
761 65
3/32
42
.09
761 66
7/64
42
.09
761 67
1/8
42
.09
761 68
9/64
42
.09
761 69
5/32
42
.09
761 70
3/16
42
.09
761 71
7/32
42
.09
761 72
1/4
42
.09
761
Hex Sockets 3/8
Square drive socket.
Replaceable bit. 1/4” bits CVM tool steel.
Item
No.
Inch
mm
lbs.
713 75
1/8
42
.09
713 77
9/64
42
.09
713 79
5/32
42
.09
713 81
3/16
42
.09
713 83
7/32
42
.09
713 85
1/4
42
.09
713 88
5/16
42
.10
713 90
3/8
42
.10
713
Impact Bit Holding Socket With
Retaining Ring For 5/16” drive bits.
Item
No.
Bit
mm
Drive lbs.
720 04
5/16 25
1/4”
.04
720 05
5/16 30
3/8”
.04
720 06
5/16 35
1/2”
.04
720
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 71325

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
7132 ALPHAWIRE-7132 Datasheet
70Kb / 3P
   Customer Specification
logo
Renesas Technology Corp
71321LA RENESAS-71321LA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
71321LA20JG IDT-71321LA20JG Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
71321LA20JG IDT-71321LA20JG Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71321LA20JG RENESAS-71321LA20JG Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
More results

Similar Description - 71325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60213 ETC2-60213 Datasheet
191Kb / 1P
   Wiha Quality Tools Wiha 3/8 Sockets & Sets
31-328 ETC2-31-328 Datasheet
259Kb / 1P
   Wiha Insulated 1/4 Sockets & Sets
36590 ETC2-36590 Datasheet
280Kb / 1P
   Wiha TORX Tools Wiha TORX Plus Tools
44222 ETC2-44222 Datasheet
379Kb / 1P
   Wiha Quality Tools
32919 ETC2-32919 Datasheet
199Kb / 1P
   Wiha ComfortGrip Pliers
20011 ETC2-20011 Datasheet
129Kb / 1P
   Wiha Quality Tools
43622 ETC2-43622 Datasheet
163Kb / 1P
   Wiha Quality Tools
76395 ETC2-76395 Datasheet
789Kb / 2P
   Wiha Quality Tools Wiha Socket Sets On Molded Rails
16112 ETC2-16112 Datasheet
231Kb / 1P
   Wiha Cabinet Tip Screwdrivers
21214 ETC-21214 Datasheet
253Kb / 1P
   Wiha Insulated Ratchet Wrenches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com