Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIE-6124 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXIE-6124
Description  S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6124 Datasheet(HTML) 6 Page - National Instruments Corporation

  NIPXIE-6124 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S Series Simultaneous Sampling Multifunction DAQ – 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
6
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards for
electrical equipment for measurement, control, and laboratory use:
• EN 61326 (IEC 61326): Class A emissions; Basic immunity
• EN 55011 (CISPR 11): Group 1, Class A emissions
• AS/NZS CISPR 11: Group 1, Class A emissions
• FCC 47 CFR Part 15B: Class A emissions
• ICES-001: Class A emissions
Note: For the standards applied to assess the EMC of this product,
refer to the Online Product Certification section.
Note: For EMC compliance, operate this product according to
the documentation.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit ni.com/environment/weee.htm.
PFI 14/P2.6
PFI 12/P2.4
PFI 9/P2.1
D GND
PFI 6/P1.6
PFI 5/P1.5
D GND
+5 V
D GND
PFI 1/P1.1
PFI 0/P1.0
D GND
D GND
+5 V
D GND
P0.6
P0.1
D GND
P0.4
NC
AO 1
AO 0
NC
NC
NC
NC
NC
NC
AI 3 GND
AI 3 +
AI 2 –
AI 1 GND
AI 1 +
AI 0 –
D GND
NC = No Connect
PFI 8/P2.0
PFI 7/P1.7
PFI 13/P2.5
PFI 4/P1.4
PFI 3/P1.3
PFI 2/P1.2
D GND
PFI 15/P2.7
D GND
PFI 10/P2.2
PFI 11/P2.3
P0.3
P0.7
P0.2
D GND
P0.5
P0.0
D GND
AO GND
AO GND
NC
NC
NC
NC
NC
NC
NC
AI 3 –
AI 2 GND
AI 2 +
AI 1 –
AI 0 GND
AI 0 +
1
35
2
36
3
37
4
38
5
39
6
40
7
41
8
42
9
43
10
44
11
45
12
46
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
26
60
27
61
28
62
29
63
30
64
31
65
32
66
33
67
34
68
RoHS
National Instruments
(RoHS)
National Instruments
RoHS
ni.com/environment/rohs_china
(For information about China RoHS compliance,
go to ni.com/environment/rohs_china.)


Similar Part No. - NIPXIE-6124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6341 NI-NIPXIE-6341 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
logo
Adlink Technology Inc.
PXI-2010 ADLINK-PXI-2010 Datasheet
199Kb / 1P
   4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
logo
List of Unclassifed Man...
DAQ-2000 ETC2-DAQ-2000 Datasheet
367Kb / 2P
   4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling Multi-Function DAQ Cards
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1812 ADVANTECH-PCIE-1812 Datasheet
424Kb / 1P
   250 kS/s, 16-Bit, 8-Ch, Simultaneous Sampling Multifunction PCI Express DAQ Card
16-Jan-2019
logo
System Logic Semiconduc...
PCI-9812 SLS-PCI-9812 Datasheet
86Kb / 2P
   4-CH 10/12-bit 20 MS/s Simultaneous-Sampling Analog Input Cards
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com