Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIE-6124 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXIE-6124
Description  S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6124 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXIE-6124 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6124 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Better Dynamic Specifications – The analog input path on S Series
devices is tuned for both accurate DC and dynamic measurements, while
multiplexed data acquisition devices suffer from settling time and
distortion error created by switching the input channel.
Many Input Ranges – You can configure each analog input channel
to use one of four voltage ranges, from ±1 to ±10 V. By selecting the
input range most appropriate for your signal, you maximize the available
16 bits of resolution.
Signal Conditioning – With the release of NI-DAQmx 7.4, all S Series
devices are compatible with parallel mode SCXI modules.
Although you can sample signals through an SCXI module at up to
4 MS/s, the SCXI module reduces the available analog bandwidth.
For more information, visit ni.com/signalconditioning.
Recommended Software
National Instruments measurement services software, built around
NI-DAQmx driver software, includes intuitive application programming
interfaces, configuration tools, I/O assistants, and other tools designed
to reduce system setup, configuration, and development time. National
Instruments recommends using the latest version of NI-DAQmx driver
software for application development in NI LabVIEW, LabWindows/CVI,
and Measurement Studio. To obtain the latest version of NI-DAQmx, visit
ni.com/support/daq/versions. NI measurement services software
speeds up your development with features including:
• A guide to create fast and accurate measurements with no
programming using the DAQ Assistant
• Free LabVIEW SignalExpress LE data-logging software
• Automatic code generation to create your application in LabVIEW;
LabWindows/CVI; LabVIEW SignalExpress; and Visual Studio .NET,
ANSI C/C++, C#, or Visual Basic 6.0
• Multithreaded technology for 1,000 times performance improvements
over basic data acquisition driver software
• More than 3,000 free software downloads to jump-start your project
available at ni.com/zone
Easy Multidevice Programming – NI-DAQmx driver software now
supports multidevice tasks for S Series. Synchronizing channels on
multiple devices using the RTSI, PXI, or PXI Express bus is now as simple
as configuring a single data acquisition board. This greatly reduces the
time and complexity involved with multidevice application programming,
and is now available for any combination of S Series devices.
The NI PXIe-6124 is compatible with NI-DAQmx Version 8.8 or later. It
also is compatible with the following versions (or later) of NI application
software: LabVIEW 7.1, LabWindows/CVI 7.1, Measurement Studio 7.1,
or LabVIEW SignalExpress 3.0.
Cables and Accessories
The NI PXIe-6124 uses a 68-pin VHDCI connector and is compatible with
the following cables and accessories.
SHC68-68-EPM (Recommended) – Shielded 68-conductor cable with
individually shielded analog twisted pairs for reduced crosstalk.
Connects device to 68-pin accessories.
0.5 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .192061-0R5
1 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .192061-01
2 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .192061-02
10 m cable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .192061-10
SCB-68 (Recommended) – Rugged, low-noise shielded I/O connector
block with screw terminals and a general breadboard area for 68-pin devices.
SCB-68 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .776844-01
TB-2706 – Direct connector block on the front panel of the NI PXIe-6124,
eliminating the need for a cable. Provides 70 screw terminals and a metal
enclosure with strain relief.
TB-2706 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .779183-01
S Series Simultaneous Sampling Multifunction DAQ – 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Model
Description
Channels
SCXI-1520
Universal strain gage input
8
SCXI-1125
Isolation amplifier
8
SCXI-1141/2/3
8-pole lowpass filters
8
Table 2. Most Commonly Used Parallel-Mode SCXI Modules


Similar Part No. - NIPXIE-6124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6341 NI-NIPXIE-6341 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6124

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
logo
Adlink Technology Inc.
PXI-2010 ADLINK-PXI-2010 Datasheet
199Kb / 1P
   4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling DAQ Cards
logo
List of Unclassifed Man...
DAQ-2000 ETC2-DAQ-2000 Datasheet
367Kb / 2P
   4-CH 14/16-Bit Up to 2 MS/s Simultaneous-Sampling Multi-Function DAQ Cards
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
logo
Advantech Co., Ltd.
PCIE-1812 ADVANTECH-PCIE-1812 Datasheet
424Kb / 1P
   250 kS/s, 16-Bit, 8-Ch, Simultaneous Sampling Multifunction PCI Express DAQ Card
16-Jan-2019
logo
System Logic Semiconduc...
PCI-9812 SLS-PCI-9812 Datasheet
86Kb / 2P
   4-CH 10/12-bit 20 MS/s Simultaneous-Sampling Analog Input Cards
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com