Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIE-6356 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXIE-6356
Description  NI X Series Multifunction Data Acquisition
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6356 Datasheet(HTML) 6 Page - National Instruments Corporation

Back Button NIPXIE-6356 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 9Page - National Instruments Corporation NIPXIE-6356 Datasheet HTML 10Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
www.ni.com
INL
Refer to the AI Absolute Accuracy Table
Sampling rate
Maximum
1.25 MS/s per channel
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±2 V, ±1 V
Maximum working voltage for all analog inputs
Positive input (AI+)
±11 V for all ranges, Measurement Category I
Negative input (AI–)
±11 V for all ranges, Measurement Category I
Caution Do
use for measurements within Categories II, III, and IV.
not
CMRR (at 60 Hz)
75 dB
Bandwidth
1 MHz
THD
–80 dBFS
Input impedance
Device on
AI– to AI GND
>100 GΩ in parallel with 10 pF
AI+ to AI GND
>100 GΩ in parallel with 10 pF
Device off
AI+ to AI GND
2 kΩ
AI– to AI GND
2 kΩ
Input bias current
±10 pA
Crosstalk (at 100 kHz)
Adjacent channels
–80 dB
Non-adjacent channels
–100 dB
Input FIFO size
NI PXIe-6356/6358
8,182 samples shared among channels used
NI USB-6356 (32 MS)
32 MS shared among channels used
NI USB-6356 (64 MS)
64 MS shared among channels used
Data transfers
NI PXIe-6356/6358
DMA (scatter-gather), programmed I/O
NI USB-6356
USB Signal Stream, programmed I/O
Overvoltage protection (AI+, AI–)
Device on
±36 V
Device off
±15 V
Input current during overvoltage conditions
±20 mA max/AI pin
Analog Triggers
Number of triggers
1
Source
NI 6356
AI <0..7>, APFI 0


Similar Part No. - NIPXIE-6356

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6356

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com