Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIE-6363 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NIPXIE-6363
Description  NI X Series Multifunction Data Acquisition
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6363 Datasheet(HTML) 7 Page - National Instruments Corporation

Back Button NIPXIE-6363 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 9Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 10Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 11Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
www.ni.com
Analog Triggers
Number of triggers
1
Source
NI 6361
AI <0..15>, APFI 0
NI 6363
AI <0..31>, APFI <0..1>
Functions
Start Trigger, Reference Trigger, Pause Trigger, Sample Clock, Convert
Clock, Sample Clock Timebase
Source level
AI <0..31>
±full scale
APFI <0..1>
±10 V
Resolution
16 bits
Modes
Analog edge triggering, analog edge triggering with hysteresis, and analog
window triggering
Bandwidth (–3 dB)
AI <0..31>
3.4 MHz
APFI <0..1>
3.9 MHz
Accuracy
±1% of range
APFI <0..1> characteristics
Input impedance
10 kΩ


Similar Part No. - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6366 NI-NIPXIE-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6368 NI-NIPXIE-6368 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com