Selected language     English  ā–¼


D-3100S Datasheet(PDF) 9 Page - Tyco Electronics

Part No. D-3100S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
42
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
L Fittings
Used to secure free-hanging
type tab housings onto panels.
Applicable housings are
specified in the table of
housings.
External Dimensions
Push Rivets
Used to secure panel-type tab housings onto panels (Use as handy
mounting hardware. Cannot be used with larger sized housings or those
that are frequently inserted and withdrawn).
Recommended panel hole dimension
Part Number: 900121-2 (S)
Part Number: 900121-2 (S)
The location where housing is attached
varies by Series and size. Check with sample.
Part Number
900128-1
900128-2
Panel Thickness
0.3-1.3
1.3-2.3
Insertion Force
2-3kg
2-3kg
Dimensions
AB
C
D
E
6.4
1.6
4.5
3.5
1.95
6.4
1.6
5.5
3.5
1.95
Retention Force
13kg Min.*
13kg Min.*
*When 2 push rivets are used.
Connector Mounting
Hardware




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl