Selected language     English  β–Ό


D-3100S Datasheet(PDF) 10 Page - Tyco Electronics

Part No. D-3100S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 10 page
background image
43
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3100S β€” Standard
1-Row Type
Appearance
Board mounting pitch: Horizontal Type 150 mils (3.81mm) / Vertical Type 150 mils (3.81mm)
Dielectric Withstanding Voltage: 1,500V (for one minute)
Voltage Rating: 250 V
X
Y
X
Y
X
X
Y
X
X
Y
1-178288-3*
1
2-178288-3*
2
1-178288-4
2-178288-4
1-178288-5*
3
1-178288-6
2-178288-6
1-178288-7*
4
1-178288-8
2-178288-8
1-178802-3
2-178802-3
β€”
β€”
1-178802-5
β€”
β€”
1-178802-7
1-178802-8
2-178802-8
No. of
Pos.
Keying
See D-3200S Series
Receptacle
Housing
Tab Housing
Panel Type
2
3
4
5
6
8
10
1-177648-3
2-177648-3
β€”
β€”
1-177648-5
β€”
β€”
1-177648-7
1-177648-8
2-177648-8
S
S
S
S
β€”
β€”
β€”
β€”
β€”
β€”
Free-hanging Type L Fitting
Note: Enter the following plating codes in -J after Part Numbers:
-2 = 0.38Β΅m thick gold plating, -3 = 0.76Β΅m thick gold plating,
-5 = Tin plating
*1,*3 and *4 can be used as SMT Type Receptacle Housing.
*1 and *2 can also be used in modular configuration in combination
with D-3100M Tab Header.
Tab Housing
(Panel Type)
Tab Housing
(Free-hanging Type)
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Receptacle
Housing
Board-mounting
Tab Header
(Horizontal Type)
Board-mounting
Tab Header
(Vertical Type)
SMT Type
Tab Housing
(Panel Type)
(Free-hanging Type)
Board-mounting Tab Header
(Horizontal Type)
(Vertical Type)
Receptacle Housing
1-178293-J
2-178293-J
1-178294-J
2-178294-J
1-178295-J
1-178296-J
2-178296-J
1-178297-J
1-178298-J
2-178298-J
Board-mounting Tab Header
Horizontal Type
1-178313-J
2-178313-J
1-178314-J
2-178314-J
1-178315-J
1-178316-J
2-178316-J
1-178317-J
1-178318-J
2-178318-J
Vertical Type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl