Selected language     English  ▼


D-3100M Datasheet(PDF) 7 Page - Tyco Electronics

Part No. D-3100M
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
40
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Application Tooling (Continued)
AMP-3K/40 and AMP-5K/40 Terminating Machines
AMP-O-LECTRIC Model G Terminating Machine
Mini-Applicator
Minimum Quantity : 1
The AMP-3K/40 and AMP-5K/40 Terminators are designed for
customers that require the increased output and quality of a semi-
automatic machine at a competitive price. By incorporating the most
commonly requested features as standard and offering a long list of
optional equipment, these terminators offer flexibility to meet the
specific needs of various applications at the lowest possible cost.
• 3,000 lb. [1361 kg] max. crimp force
(AMP-3K/40)
5,000 lb. [2268 kg] max. crimp force
(AMP-5K/40)
• Toolless removal of applicators and guards
• Jog capability
• Quiet, fast operation — 80/76 dBA and cycle time less than
0.400 seconds
• Accepts Heavy Duty Mini style applicators
• Wide range of optional equipment such as toolless precision crimp
height adjust, batch counter, CQM capability and work light
• Order Catalog 1654856 for specifications and part numbers
• Quieter
• Improved guarding and lighting
• Toolless changeover of applicators
• Precision manual- or auto-adjust for crimp height
• Total and batch counter
• Accepts all existing Tyco Electronics miniature applicators, with minor modifications
• Reduced maintenance requirements
• Request Catalog 65828 for specifications and part numbers
AMP-O-MATIC Side-Feed Stripper/Crimper Machine
This semiautomatic bench machine strips and terminates wire in a single operation. You
simply position the wire against a spot illuminated on the wire stop and cycle the machine.
In the automatic mode, the machine cycles when the wire touches the wire stop.
Using interchangeable applicators, this versatile machine is ideal for terminating jacketed
cable with a variety of pin and socket contacts. Applicators are also available for non-AMP
products.
• Strip and terminate wires 32-14 AWG [0.03-2mm2]
• Fast set-up times: 10 minutes or less
• Illuminated target area
• Convenient scrap removal
• Select foot switch or wire-sensor mode of operation
• Request Catalog 65004 for specifications and part numbers
Contact Technical Support for
Mini-Applicator Part Number
The Model "G" Terminator is the most advanced design in the long-standing series of
AMP-O-LECTRIC machines for terminating wire using reeled terminals and contacts. It
features a reliable direct motor drive system. Its modular construction enables it to be
used either as a bench-top unit, or in combination with fully-automatic lead-making
equipment. For operator convenience, access to and lighting in the target area has been
improved and the Crimp Quality Monitor (CQM) has been moved to eye level for bench-
top use. The Model "G" is also quieter, plus improved guarding meets applicable
European and domestic safety requirements.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl