Selected language     English  ā–¼


D-3100M Datasheet(PDF) 6 Page - Tyco Electronics

Part No. D-3100M
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 6 page
background image
39
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Application Tooling
(Continued)
Hand Tool
This hand tool is designed to be capable of handling most Factory
Automation (FA) related crimping operations by a single tool in order
to simplify harness fabrications suited to the specific needs of FA
market. The equipment forming the nucleus of the FA system
includes PCs, CNCs, servodrivers and servomotors. And the wire
used in connecting this equipment ranges in wire size from
#26-20 AWG which applies to signal circuits to #18-16 AWG which
is for power circuits (See Sketch below).
Crimping Range A, B, and
C are for explanation
purposes only and are not
marked on the tool body.
For right-handed use
Hand Tool P/N : 58571-1
Die Set P/N : 58571-2
The frame of right-handed tool
has the same configuration as
that of Economy Type (II) and
PRO-CRIMPER II Hand Tool
(See PRO-CRIMPER Hand Tool
Catalog). So die sets are
interchangeable.
Servomotor /
Servodriver
Typical Application
D-3200M
Free-hanging Type
D-3100D
Free-hanging Type
D-3200M
Board-mounting
Horizontal Type
26~24 AWG
(Crimp with A range
using M contacts)
22~20 AWG
(Crimp with B range
using M contacts)
18~16 AWG
(Crimp with C range
using L contacts)
D-3100D
Board-mounting
Horizontal Type




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl