Electronic Components Datasheet Search
Selected language     English  ▼


D-3400F Datasheet(PDF) 3 Page - Tyco Electronics

Part No. D-3400F
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
36
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
Performance Specifications
5
0
5
10
15
10
15
20
#14, #16
#18
#20
#22
#24
#26
#28
(AWG)
No. of Positions
Wire Size
bBasic data are as par
Certification Testing Report 501-5013
bTemperature rise : 30˚C
Generally, the current value of
connector is shown as per
position. The current rating of
this product is 15A as shown
in the table. Note that in all
circumstances it is the value
per position.
As the number of positions
increases, this value decreases.
This decrease can be calculated
from the table and the current
curve shown in the graph below.
Example:
• With a 6-position connector,
10A of current per position or
a total of 60A (max) can be
carried as shown in the table.
• With a 10-position connector,
8.5A of current per position
or a total of 85A (max) can be
carried as indicated by dotted
lines in the graph below.
Pitch
Item
Voltage Rating
250 V
10m
Ω max.
1,500 V
2,200 V (1 minute)
-55°~+105˚C
600 V*
Current Rating
1-position : 15A
3-position : 12A
6-position : 10A
16-position : 08A
(when using #16 AWG wire)
Contact Resistance
Dielectric Withstanding Voltage
Operating Temperature
150mil
(3.81mm)
200mil
(5.08mm)
*When connectors are used singly.
Number of Positions vs Current Curve (reference)
Material and Finish
Description
Material
Finish
Receptacle contact
Tab contact
Copper alloy
Bright tin plating and gold plating
with underplated nickel (1.27µm)
Tab post
Housing
Copper alloy
UL94V-0 rated glass filled polyester (PBT)
and PPS (SMT Type), black color.
Tin plating and gold plating
with underplated nickel (1.27µm)
Basic data are as per
Certification Testing Report 501-5013
Temperature rise : 30°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl