Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27141117 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 27141117
Description  Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

27141117 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  27141117 Datasheet HTML 1Page - PHOENIX CONTACT 27141117 Datasheet HTML 2Page - PHOENIX CONTACT 27141117 Datasheet HTML 3Page - PHOENIX CONTACT 27141117 Datasheet HTML 4Page - PHOENIX CONTACT 27141117 Datasheet HTML 5Page - PHOENIX CONTACT 27141117 Datasheet HTML 6Page - PHOENIX CONTACT 27141117 Datasheet HTML 7Page - PHOENIX CONTACT 27141117 Datasheet HTML 8Page - PHOENIX CONTACT 27141117 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
https://www.phoenixcontact.com/us/products/3046003
1/28/14   Page 5 / 17
Knife disconnect terminal block - UT 4-TWIN-MT - 3046003
Classifications
UNSPSC
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / CSA / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
C
D
mm²/AWG/kcmil
26-10
26-10
26-10
Nominal current IN
20 A
20 A
10 A
Nominal voltage UN
300 V
150 V
300 V
cUL Recognized 
 
B
C
D
mm²/AWG/kcmil
26-10
26-10
26-10
Nominal current IN
20 A
20 A
10 A
Nominal voltage UN
300 V
150 V
300 V


Similar Part No. - 27141117

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27141117 PHOENIX-27141117 Datasheet
69Kb / 6P
   Multi-level terminal block - PT 1,5/S-3L
27141117 PHOENIX-27141117 Datasheet
166Kb / 17P
   Multi-level terminal block - PT 1,5/S-3L BU
27141117 PHOENIX-27141117 Datasheet
135Kb / 12P
   Mini feed-through terminal block - MSB 2,5-NS 35-PE
More results

Similar Description - 27141117

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3064014 PHOENIX-3064014 Datasheet
81Kb / 5P
   Knife disconnect terminal block - UT 4-TWIN-MT P/P
3073021 PHOENIX-3073021 Datasheet
143Kb / 15P
   Knife disconnect terminal block - UT 4-TWIN-MT P/P BU
3046141 PHOENIX-3046141 Datasheet
73Kb / 4P
   Knife disconnect terminal block - UT 4-MT-EX
3046279 PHOENIX-3046279 Datasheet
493Kb / 22P
   Knife disconnect terminal block - UT 4-MT RD
3046362 PHOENIX-3046362 Datasheet
67Kb / 6P
   Knife disconnect terminal block - UT 2,5-MT
3073050 PHOENIX-3073050 Datasheet
145Kb / 15P
   Knife disconnect terminal block - UT 4-QUATTRO-MT BU
3046171 PHOENIX-3046171 Datasheet
477Kb / 22P
   Knife disconnect terminal block - UT 4-MT-P/P
3073267 PHOENIX-3073267 Datasheet
62Kb / 5P
   Knife disconnect terminal block - UT 6-MT BU
3036356 PHOENIX-3036356 Datasheet
514Kb / 23P
   Knife disconnect terminal block - ST 2,5-TWIN-MT
3050407 PHOENIX-3050407 Datasheet
125Kb / 12P
   Knife disconnect terminal block - QTC 1,5-TWIN-MT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com