Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6747A Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6747A
Description  High current MOSFET driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6747A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6747A Datasheet HTML 7Page - STMicroelectronics L6747A Datasheet HTML 8Page - STMicroelectronics L6747A Datasheet HTML 9Page - STMicroelectronics L6747A Datasheet HTML 10Page - STMicroelectronics L6747A Datasheet HTML 11Page - STMicroelectronics L6747A Datasheet HTML 12Page - STMicroelectronics L6747A Datasheet HTML 13Page - STMicroelectronics L6747A Datasheet HTML 14Page - STMicroelectronics L6747A Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
L6747A
Device description and operation
Doc ID 17126 Rev 1
11/15
Referring to Figure 6, a classic MOSFET driver can be represented by a push-pull output
stage with two different MOSFETs: a P-MOSFET to drive the external gate high, and an N-
MOSFET to drive the external gate low (with their own RDS(on): Rhi_HS, Rlo_HS, Rhi_LS,
Rlo_LS). The external power MOSFET can be represented in this case as a capacitance
(CG_HS, CG_LS) that stores the gate-charge (QG_HS, QG_LS) required by the external power
MOSFET to reach the driving voltage (PVCC for HS and VCC for LS). This capacitor is
charged and discharged at the driver switching frequency FSW.
The total power PSW is dissipated among the resistive components distributed along the
driving path. According to the external gate resistance and the power MOSFET intrinsic
gate resistance, the driver dissipates only a portion of PSW as follows:
The total power dissipated from the driver can then be determined as follows:
Figure 6.
Equivalent circuit for a MOSFET driver
4.5
Layout guidelines
The L6747A provides driving capability to implement high-current step-down DC-DC
converters.
The first priority when placing components for these applications should be given to the
power section, minimizing the length of each connection and loop as much as possible. To
minimize noise and voltage spikes (as well as EMI and losses) power connections must be
part of a power plane, and in any case constructed with wide and thick copper traces. The
loop must be minimized. The critical components, such as the power MOSFETs, must be
close to each other. However, some space between the power MOSFETs is required to
assure good thermal cooling and airflow.
P
SW
HS
1
2
--- C
GHS
PVCC
2
Fsw
R
hiHS
R
hiHS
R
GateHS
R
iHS
++
----------------------------------------------------------------
R
loHS
R
loHS
R
GateHS
R
iHS
++
----------------------------------------------------------------
+
⎝⎠
⎛⎞
⋅⋅
=
P
SW
LS
1
2
--- C
GLS
VCC
2
Fsw
R
hiLS
R
hiLS
R
GateLS
R
iLS
++
--------------------------------------------------------------
R
loLS
R
loLS
R
GateLS
R
iLS
++
--------------------------------------------------------------
+
⎝⎠
⎛⎞
⋅⋅
=
PP
DC
P
SW
HS
P
SW
LS
++
=
RGATELS
RILS
CGLS
VCC
LS DRIVER
LS MOSFET
GND
LGATE
RGATEHS
RIHS
CGHS
BOOT
HS DRIVER
HS MOSFET
PHASE
HGATE
VCC


Similar Part No. - L6747A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
   High current MOSFET driver
More results

Similar Description - L6747A

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
   High current MOSFET driver
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
   High current MOSFET driver
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
   High current MOSFET driver
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
   High current MOSFET driver
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
   High current MOSFET driver
logo
Harris Corporation
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
   High current MOSFET driver
logo
Intersil Corporation
HV400MJ INTERSIL-HV400MJ Datasheet
131Kb / 11P
   High Current MOSFET Driver
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
   Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com