Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR41230G-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR41230G-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR41230G-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR41230G-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR41230G-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR4XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A39.a
TEST CIRCUITS
Fig.1 Standard Test Circuit
EN2
VIN
EN1
VOUT1
GND
C1
2.2μF
C2
2.2μF
C3
2.2μF
VOUT2
A ISS
Fig.2 Supply Current Test Circuit


Similar Part No. - LR41230G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR41218G-AG6-R UTC-LR41218G-AG6-R Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
More results

Similar Description - LR41230G-AG6-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR4XXYY ETL-LR4XXYY Datasheet
180Kb / 7P
   Dual竊똋ow-Noise竊?00mA LDO REGULATOR
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
   250mA竊똋ow Power Consumption LDO
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com