Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13005 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # MJE13005
Description  NPN SILICON POWER TRANSISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button MJE13005_14 Datasheet HTML 2Page - Unisonic Technologies MJE13005_14 Datasheet HTML 3Page - Unisonic Technologies MJE13005_14 Datasheet HTML 4Page - Unisonic Technologies MJE13005_14 Datasheet HTML 5Page - Unisonic Technologies MJE13005_14 Datasheet HTML 6Page - Unisonic Technologies MJE13005_14 Datasheet HTML 7Page - Unisonic Technologies MJE13005_14 Datasheet HTML 8Page - Unisonic Technologies MJE13005_14 Datasheet HTML 9Page - Unisonic Technologies MJE13005_14 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJE13005
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R203-018. M
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC-VCE limits of the transistor that must be observed for reliable
operation; e., the transistor must not be subjected to greater dissipation than the curves indicate.
The data of Fig. 4 is based on TC = 25°С; TJ(PK) is variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated when TC≥25°С. Second breakdown limitations do not
derate the same as thermal limitations. Allowable current at the voltages shown on Fig. 4 may be found at any case
temperature by using the appropriate curve on Fig. 6.
TJ(PK) may be calculated from the data in Fig. 10. At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be sustained simultaneously during turn-off, in most cases,
with the base to emitter junction reverse biased. Under these conditions the collector voltage must be held to a safe
level at or below a specific value of collector current. This can be accomplished by several means such as active
clamping, RC snubbing, load line shaping, etc. The safe level for these devices is specified as Reverse Bias Safe
Operating Area and represents the voltage-current conditions during reverse biased turn-off. This rating is verified
under clamped conditions so that the device is never subjected to an avalanche mode. Figure 5 gives the complete
RBSOA characteristics.


Similar Part No. - MJE13005_14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005 UTC-MJE13005_12 Datasheet
381Kb / 9P
   NPN SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
MJE13005 MCC-MJE13005_13 Datasheet
438Kb / 3P
   NPN Silicon Plastic-Encapsulate Transistor
logo
Central Semiconductor C...
MJE13005 CENTRAL-MJE13005_15 Datasheet
120Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005_15 Datasheet
794Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Unisonic Technologies
MJE13005 UTC-MJE13005_15 Datasheet
455Kb / 10P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - MJE13005_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com