Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IN Datasheet(PDF) 7 Page - Motorola, Inc

Part # TL494IN
Description  SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL494IN Datasheet(HTML) 7 Page - Motorola, Inc

Back Button TL494IN Datasheet HTML 3Page - Motorola, Inc TL494IN Datasheet HTML 4Page - Motorola, Inc TL494IN Datasheet HTML 5Page - Motorola, Inc TL494IN Datasheet HTML 6Page - Motorola, Inc TL494IN Datasheet HTML 7Page - Motorola, Inc TL494IN Datasheet HTML 8Page - Motorola, Inc TL494IN Datasheet HTML 9Page - Motorola, Inc TL494IN Datasheet HTML 10Page - Motorola, Inc TL494IN Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TL494
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 10. Error–Amplifier Characteristics
Figure 11. Deadtime and Feedback Control Circuit
Figure 12. Common–Emitter Configuration
Test Circuit and Waveform
+
+
Vin
Error Amplifier
Under Test
Feedback
Terminal
(Pin 3)
Other Error
Amplifier
Vref
VCC = 15V
150
2W
Output 1
Output 2
C1
E1
C2
E2
Ref
Out
Gnd
Output
Control
(+)
(+)
(–)
(–)
Feedback
Deadtime
Error
VCC
Test
Inputs
50k
RT
CT
150
2W
Figure 13. Emitter–Follower Configuration
Test Circuit and Waveform
RL
68
VC
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VCC
10%
90%
10%
tr
tf
RL
68
VEE
CL
15pF
C
E
Q
Each
Output
Transistor
15V
90%
VEE
10%
90%
10%
tr
tf
Gnd


Similar Part No. - TL494IN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494IN ONSEMI-TL494IN Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Texas Instruments
TL494IN TI-TL494IN Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494IN TI-TL494IN Datasheet
449Kb / 17P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
ON Semiconductor
TL494IN ONSEMI-TL494IN Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Texas Instruments
TL494IN TI-TL494IN Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494IN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
   Switchmode Pulse Width Modulation Control Circuit
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
   SWITCHMODE Pulse Width Modulation Control Circuit
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
   Switchmode Pulse - Width - Modulation Control Circuit
logo
ON Semiconductor
TL494 ONSEMI-TL494_05 Datasheet
144Kb / 14P
   SWITCHMODE TM Pulse Width Modulation Control Circuit
June, 2005 ??Rev. 6
logo
Motorola, Inc
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
   PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
   Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
   Switchmode Pulse Width Modulation Control Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com