Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA56S-L Datasheet(PDF) 2 Page - Sanken electric

Part # TMA56S-L
Description  Triac (Bidirectional Triode Thyristor)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA56S-L Datasheet(HTML) 2 Page - Sanken electric

  TMA56S-L Datasheet HTML 1Page - Sanken electric TMA56S-L Datasheet HTML 2Page - Sanken electric TMA56S-L Datasheet HTML 3Page - Sanken electric TMA56S-L Datasheet HTML 4Page - Sanken electric TMA56S-L Datasheet HTML 5Page - Sanken electric TMA56S-L Datasheet HTML 6Page - Sanken electric TMA56S-L Datasheet HTML 7Page - Sanken electric TMA56S-L Datasheet HTML 8Page - Sanken electric TMA56S-L Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMA5x
Series
2
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Peak Repetitive Off-State Voltage
VDRM
TMA34x
RGREF =
400
V
TMA36x
600
V
Peak Non-Repetitive Off-State Voltage
VDSM
TMA34x
RGREF =
500
V
TMA36x
700
V
Isolation Voltage
VISO
AC RMS applied for 1 minute between lead and case
1800
V
RMS On-State Current
IT(RMS)
50/60 Hz full cycle sine wave,
total Conduction angle (
α+) + (α–) = 360°,
TC = 102°C
5A
Surge On-State Current
ITSM
f = 60 Hz
Full cycle sine wave, peak value, non-repetitive,
initial TJ = 125°C
53
A
f = 50 Hz
50
A
I2t Value for Fusing
I2t
Value for 50 Hz half cycle sine wave, 1 cycle, ITSM = 50 A
12.5
A2• s
Peak Gate Current
IGM
f
≥ 50 Hz, duty cycle ≤ 10%
2
A
Peak Gate Power Dissipation
PGM
f
≥ 50 Hz, duty cycle ≤ 10%
5
W
Average Gate Power Dissipation
PGM(AV)
TJ < TJ(max)
0.5
W
Junction Temperature
TJ
–40 to 125
ºC
Storage Temperature
Tstg
–40 to 125
ºC
Thermal Characteristics May require derating at maximum conditions
Characteristic
Symbol
Test Conditions
Value
Units
Package Thermal Resistance
(Junction to Case)
RθJC
For AC
4
ºC/W
T1
T2
G
Terminal List Table
Number
Name
Function
1
T1
Main terminal, gate referenced
2
T2
Main terminal connect to signal side
3
G
Gate control
Pin-out Diagram
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
12 3
Selection Guide
Part Number
VDRM
(V)
UL-Recognized
Component
Package
Packing
TMA54(I)
400
Yes
3-pin fully molded SIP with
heatsink mount
50 pieces per tube
TMA54S-L
400
TMA56(I)
600
Yes
TMA56S-L
600


Similar Part No. - TMA56S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA56S-L SANKEN-TMA56S-L Datasheet
273Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA56S-L

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XP SANKEN-TMA16XP Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA3X SANKEN-TMA3X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XS SANKEN-TMA16XS Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86S-L SANKEN-TMA86S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA36S-L SANKEN-TMA36S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA126G-L SANKEN-TMA126G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com