Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA56S-L Datasheet(PDF) 3 Page - Sanken electric

Part # TMA56S-L
Description  Triac (Bidirectional Triode Thyristor)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

TMA56S-L Datasheet(HTML) 3 Page - Sanken electric

  TMA56S-L Datasheet HTML 1Page - Sanken electric TMA56S-L Datasheet HTML 2Page - Sanken electric TMA56S-L Datasheet HTML 3Page - Sanken electric TMA56S-L Datasheet HTML 4Page - Sanken electric TMA56S-L Datasheet HTML 5Page - Sanken electric TMA56S-L Datasheet HTML 6Page - Sanken electric TMA56S-L Datasheet HTML 7Page - Sanken electric TMA56S-L Datasheet HTML 8Page - Sanken electric TMA56S-L Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Triac (Bidirectional Triode Thyristor)
TMA5x
Series
3
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Off-State Leakage Current
IDRM
VD = VDRM, TJ = 125°C, RGREF =
using test circuit 1
2.0
mA
VD = VDRM, TJ = 25°C, RGREF =
using test circuit 1
100
μA
On-State Voltage
VTM
IT = 7 A, TJ = 25°C
1.5
V
Gate Trigger Voltage
VGT
Quadrant I: T2+, G+
VD = 12 V, RL = 20 Ω, TJ = 25°C
1.5
V
Quadrant II: T2+, G–
1.5
V
Quadrant III: T2–, G–
1.5
V
Gate Trigger Current
IGT
Quadrant I: T2+, G+
VD = 12 V, RL = 20 Ω, TJ = 25°C
20
mA
Quadrant II: T2+, G–
20
mA
Quadrant III: T2–, G–
20
mA
Gate Non-trigger Voltage
VGD
VD = VDRM × 0.5, RL = 4 kΩ, TJ = 125°C
0.2
V
Critical Rising Rate of
Off-State Voltage during
Commutation*
(dv/dt)c
TJ = 125°C, VD = 400 V, (di/dt)c = –2.5 A/ms, ITP = 2 A
5
V/
μs
*Where ITP is the peak current through T2 to T1.
T1
T2
R
GREF =
G
T1 [ – ]
T2 [ + ]
G [ – ]
T1 [ – ]
T2 [ + ]
G [ + ]
T1 [ + ]
T2 [ – ]
G [ – ]
T1 [ + ]
T2 [ – ]
G [ + ]
Quadrant II
Quadrant I
+IGT
+T2
–T2
Polarities referenced to T1
–IGT
Quadrant III
Quadrant IV
Test Circuit 1
Gate Trigger Characteristics


Similar Part No. - TMA56S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TMA56S-L SANKEN-TMA56S-L Datasheet
273Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results

Similar Description - TMA56S-L

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XP SANKEN-TMA16XP Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA3X SANKEN-TMA3X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XS SANKEN-TMA16XS Datasheet
269Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA86S-L SANKEN-TMA86S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA36S-L SANKEN-TMA36S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA126G-L SANKEN-TMA126G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com