Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DL081-UUN-T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT25DL081-UUN-T
Description  8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL081-UUN-T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT25DL081-UUN-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DL081-UUN-T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
AT25DL081 [DATASHEET]
8732E–DFLASH–1/2013
4.
Memory Array
To provide the greatest flexibility, the AT25DL081 memory array can be erased in four levels of granularity, including a
full Chip Erase. In addition, the array has been divided into physical sectors of uniform size, which can be individually
protected from program and erase operations. The size of the physical sectors is optimized for both code and data
storage applications, allowing both code and data segments to reside in their own isolated regions. The memory
architecture diagram illustrates the breakdown of each erase level, as well as the breakdown of each physical sector.
Figure 4-1. Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1 to 256 bytes
Sector Protection
Block Erase
Block Erase
Block Erase
Page Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
0F F F F F h – 0F F 000h
256 bytes
0F FFFFh – 0F FF00h
4KB
0F E F F F h– 0F E 000h
256 bytes
0F FEFFh– 0F FE00h
4KB
0F DF F F h – 0F D000h
256 bytes
0F FDFFh – 0F FD00h
4KB
0F CF F F h – 0F C000h
256 bytes
0F FCFFh– 0FFC00h
4KB
0F BFFFh – 0FB000h
256 bytes
0F FBFFh – 0F FB00h
4KB
0F AFFFh – 0FA000h
256 bytes
0F FAFFh – 0F FA00h
4KB
0F 9F F F h – 0F 9000h
256 bytes
0F F9FFh – 0F F900h
4KB
0F 8F F F h – 0F 8000h
256 bytes
0F F8FFh – 0F F800h
4KB
0F 7F F F h – 0F 7000h
256 bytes
0F F7FFh – 0F F700h
4KB
0F 6F F F h – 0F 6000h
256 bytes
0F F6FFh – 0F F600h
4KB
0F 5F F F h – 0F 5000h
256 bytes
0F F5FFh – 0F F500h
4KB
0F 4F F F h – 0F 4000h
256 bytes
0F F4FFh – 0F F400h
4KB
0F 3F F F h – 0F 3000h
256 bytes
0F F3FFh – 0F F300h
4KB
0F 2F F F h – 0F 2000h
256 bytes
0F F2FFh – 0F F200h
4KB
0F 1F F F h – 0F 1000h
256 bytes
0F F1FFh – 0F F100h
4KB
0F 0F F F h – 0F 0000h
256 bytes
0F F0FFh – 0F F000h
4KB
0E FFFFh– 0E F000h
256 bytes
0F EFFFh– 0F EF00h
4KB
0EEFFFh– 0EE000h
256 bytes
0F EEFFh– 0FEE00h
4KB
0E DF F F h – 0E D000h
256 bytes
0F EDFFh – 0FED00h
4KB
0E CF F F h– 0E C000h
256 bytes
0F ECFFh– 0F EC00h
4KB
0E BF F F h– 0E B000h
256 bytes
0F EBFFh– 0F EB00h
4KB
0E AF F F h – 0E A000h
256 bytes
0F EAFFh – 0F EA00h
4KB
0E 9F F F h – 0E 9000h
256 bytes
0F E9FFh – 0F E900h
4KB
0E 8F F F h – 0E 8000h
256 bytes
0F E8FFh – 0F E800h
4KB
0E 7F F F h – 0E 7000h
4KB
0E 6F F F h – 0E 6000h
4KB
0E 5F F F h – 0E 5000h
4KB
0E 4F F F h – 0E 4000h
256 bytes
0017F F h – 001700h
4KB
0E 3F F F h – 0E 3000h
256 bytes
0016F F h – 001600h
4KB
0E 2F F F h – 0E 2000h
256 bytes
0015F F h – 001500h
4KB
0E 1F F F h – 0E 1000h
256 bytes
0014F F h – 001400h
4KB
0E 0F F F h – 0E 0000h
256 bytes
0013F F h – 001300h
256 bytes
0012F F h – 001200h
256 bytes
0011F F h – 001100h
256 bytes
0010F F h – 001000h
4KB
00FFFFh – 00F 000h
256 bytes
000F F F h – 000F 00h
4KB
00E F F F h – 00E 000h
256 bytes
000E F F h – 000E 00h
4KB
00DF F F h – 00D000h
256 bytes
000DF F h – 000D00h
4KB
00CFFFh – 00C000h
256 bytes
000CF F h – 000C00h
4KB
00BF F F h – 00B000h
256 bytes
000BF F h – 000B00h
4KB
00AF F F h – 00A000h
256 bytes
000AF F h – 000A00h
4KB
009F F F h – 009000h
256 bytes
0009F F h – 000900h
4KB
008F F F h – 008000h
256 bytes
0008F F h – 000800h
4KB
007F F F h – 007000h
256 bytes
0007F F h – 000700h
4KB
006F F F h – 006000h
256 bytes
0006F F h – 000600h
4KB
005F F F h – 005000h
256 bytes
0005F F h – 000500h
4KB
004F F F h – 004000h
256 bytes
0004F F h – 000400h
4KB
003F F F h – 003000h
256 bytes
0003F F h – 000300h
4KB
002F F F h – 002000h
256 bytes
0002F F h – 000200h
4KB
001F F F h – 001000h
256 bytes
0001F F h – 000100h
4KB
000F F F h – 000000h
256 bytes
0000F F h – 000000h
64KB
64KB
32KB
32KB
Range
Range
Page Program Detail
Page Address
Block Address
64KB
64KB
(Sector 15)
Block Erase Detail
32KB
32KB
64KB
(Sector 0)
32KB
32KB
64KB
(Sector 14)


Similar Part No. - AT25DL081-UUN-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL081-UUN-T ETC2-AT25DL081-UUN-T Datasheet
2Mb / 60P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results

Similar Description - AT25DL081-UUN-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
   2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
   1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 58P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com