Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DL161 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT25DL161
Description  16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DL161 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT25DL161 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DL161 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
11
AT25DL161 [DATASHEET]
8795F–DFLASH–1/2013
7.2
Dual-Output Read Array
The Dual-Output Read Array command is similar to the standard Read Array command and can be used to sequentially
read a continuous stream of data from the device by simply providing the clock signal once the initial starting address has
been specified. Unlike the standard Read Array command, however, the Dual-Output Read Array command allows two
bits of data to be clocked out of the device on every clock cycle, rather than just one.
The Dual-Output Read Array command can be used at any clock frequency, up to the maximum specified by fRDDO. To
perform the Dual-Output Read Array operation, the CS pin must first be asserted and then the opcode 3Bh must be
clocked into the device. After the opcode has been clocked in, the three address bytes must be clocked in to specify the
location of the first byte to read within the memory array. Following the three address bytes, a single dummy byte must
also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles will result in data being
output on both the SO and SIO pins. The data is always output with the MSB of a byte first and the MSB is always output
on the SO pin. During the first clock cycle, bit 7 of the first data byte is output on the SO pin, while bit 6 of the same data
byte is output on the SIO pin. During the next clock cycle, bits 5 and 4 of the first data byte are output on the SO and SIO
pins, respectively. The sequence continues with each byte of data being output after every four clock cycles. When the
last byte (1FFFFFh) of the memory array has been read, the device will continue reading from the beginning of the array
(000000h). No delays will be incurred when wrapping around from the end of the array to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO and SIO pins into a high-impedance state. The
CS pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 7-4. Dual-Output Read Array
SCK
CS
SI (SIO)
SO (SOI)
MSB
MSB
23
1
0
00111011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
MSB
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D7
D6
D5
D4
D3
D2
D1
D0
Address Bits A23-A0
Don't Care
Output
Data Byte 1
Output
Data Byte 2
High-impedance


Similar Part No. - AT25DL161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161 Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL161 RENESAS-AT25DL161 Datasheet
1Mb / 64P
   16-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-I/O Support
11/11/22
logo
List of Unclassifed Man...
AT25DL161-MHN-T ETC2-AT25DL161-MHN-T Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL161-MHN-Y ETC2-AT25DL161-MHN-Y Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results

Similar Description - AT25DL161

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DL161 DIALOG-AT25DL161 Datasheet
457Kb / 4P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
List of Unclassifed Man...
AT25DL161 ETC2-AT25DL161_14 Datasheet
2Mb / 59P
   16-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25XE021A DIALOG-AT25XE021A Datasheet
1Mb / 52P
   2-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25XE041B RENESAS-AT25XE041B Datasheet
3Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DL081 ETC2-AT25DL081 Datasheet
2Mb / 59P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF041B ETC-AT25DF041B Datasheet
2Mb / 52P
   4-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Renesas Technology Corp
AT25DL081 RENESAS-AT25DL081 Datasheet
2Mb / 57P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
02/2022
logo
List of Unclassifed Man...
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
   1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DL081 ETC2-AT25DL081_13 Datasheet
2Mb / 60P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
logo
Dialog Semiconductor
AT25DL081 DIALOG-AT25DL081 Datasheet
1Mb / 58P
   8-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com