Electronic Components Datasheet Search |
|
ML9208A-02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
ML9208A-02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 35 page FEDL9208A-02 ML9208A-xx 7/35 RECOMMENDED OPERATING CONDITIONS-2 When the power supply voltage is 3.3 V (typ.) Parameter Symbol Condition Min. Typ. Max. Unit Supply Voltage (1) VDD — 3.0 3.3 3.6 V Supply Voltage (2) VFL — –38.4 — –20 V High Level Input Voltage VIH All input pins excluding OSC0 pin 0.8 VDD — — V Low Level Input Voltage VIL All input pins excluding OSC0 pin — — 0.2 VDD V CP Frequency fC — — — 2.0 MHz Oscillation Frequency fOSC R1 = 3.3 k, C1 = 39 pF 1.5 2.0 2.5 MHz Frame Frequency fFR DIGIT = 1 to 16, R1 = 3.3 k, C1 = 39 pF 183 244 305 Hz Operating Temperature Top — –40 — 85 C ELECTRICAL CHARACTERISTICS DC Characteristics-1 (VDD = 5.0 V 0.5V, VFL = VDD –42 V, Ta = –40 to +85C, unless otherwise specified) Parameter Symbol Applied pin Condition Min. Max. Unit High Level Input Voltage VIH CS, CP, DA, RESET — 0.7 VDD — V Low Level Input Voltage VIL CS, CP, DA, RESET — — 0.3 VDD V High Level Input Current IIH CS, CP, DA, RESET VIH = VDD –1.0 1.0 µA Low Level Input Current IIL CS, CP, DA, RESET VIL = 0.0 V –1.0 1.0 µA VOH1 COM1 to 16 IOH1 = –30 mA VDD –1.5 — V VOH2 AD1, AD2 IOH2 = –15 mA VDD –1.5 — V VOH3 SEG1 to 35 IOH3 = –6 mA VDD –1.5 — V High Level Output Voltage VOH4 P1, P2 IOH4 = –2 mA VDD –1.0 — V VOL1 COM1 to 16 AD1, AD2 SEG1 to 35 — — VFL +1.0 V Low Level Output Voltage VOL2 P1, P2 IOL1 = 2 mA — 1.0 V IDD1 Duty = 15/16 Digit = 1 to 16 All output lights ON — 4 mA Current Consumption IDD2 VDD fOSC = 2 MHz, no load Duty = 8/16 Digit = 1 to 9 All output lights OFF — 3 mA |
Similar Part No. - ML9208A-02 |
|
Similar Description - ML9208A-02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |