Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA3202 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QPA3202
Description  PIEZO POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QPA3202 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QPA3202 Datasheet HTML 1Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 2Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 3Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 4Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 5Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 6Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 7Page - List of Unclassifed Manufacturers QPA3202 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
QuickPack® QPA3202 PIEZO POWER AMPLIFIER
Midé Technology Corporation.
www.mide.com
Ph +1 781 306 0609
5
Applications Information
 
Warning! To reduce the risk of injury:
 Read all instructions and warnings before using this product. 
 This product creates a hazardous voltage at its terminals.  Do 
not connect loads or touch the output terminal while power is 
on.  Do not touch the piezoelectric actuator during operation. 
 Provide adequate space for ventilation to avoid excessive 
internal heating.  Do not block rear or side vents.  Do not 
install this product in a closed cabinet. 
 This product must be grounded. Use only with a three‐
pronged AC power cord having an equipment‐grounding 
conductor and grounding plug.  
 This product should not be use in warm environments or near 
products that emit heat. 
 Do  not  use  if  this  product  exhibits  a  marked  change  in 
performance or appears to function abnormally. 


Similar Part No. - QPA3202

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA3223 QORVO-QPA3223 Datasheet
236Kb / 4P
   CATV Power Doubler Hybrid Low Current 1003 MHz
logo
RF Micro Devices
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
logo
Qorvo, Inc
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
logo
Qorvo, Inc
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
   CATV Power Doubler Hybrid 1003MHz 23dB
More results

Similar Description - QPA3202

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSA180 OKI-MSA180 Datasheet
147Kb / 17P
   Piezo Speaker Amplifier
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA1KV2X50MA ANALOGTECHNOLOGIES-AHVA1KV2X50MA Datasheet
526Kb / 6P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA250V2X40MA ANALOGTECHNOLOGIES-AHVA250V2X40MA Datasheet
625Kb / 8P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA2KV2X10MA ANALOGTECHNOLOGIES-AHVA2KV2X10MA Datasheet
592Kb / 8P
   High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA2KV2X50MA ANALOGTECHNOLOGIES-AHVA2KV2X50MA Datasheet
593Kb / 8P
   High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA100V2X10MA ANALOGTECHNOLOGIES-AHVA100V2X10MA Datasheet
615Kb / 8P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X20MA ANALOGTECHNOLOGIES-AHVA100V2X20MA Datasheet
608Kb / 8P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA500V2X5MA ANALOGTECHNOLOGIES-AHVA500V2X5MA Datasheet
498Kb / 6P
   High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA2KV2X20MA ANALOGTECHNOLOGIES-AHVA2KV2X20MA Datasheet
1Mb / 8P
   High Voltage Amplifier/Piezo Driver
1/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com