Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1725672 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1725672
Description  ENERGY HARVESTING ELECTRONICS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1725672 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1725672 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1725672 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CONFIGURATION
The terminal block at the bottom-left of the board
(solder or screw terminals) provides the regulated
output and other signals from the EHE004. The
connections from left to right are:
GND – Electrical ground
VOUT – Regulated output voltage
VCAP – Test point for measuring the voltage across the
input capacitor(s). Additional capacitance can be
added between this terminal & GND as needed.
PGOOD – Active-high Power Good signal. This signal will
be high (true) when the output is in regulation
and will go low (false) when the output voltage
drops below 92% of its regulated value. This will
typically occur once the input voltage falls below
the UVLO threshold or if the maximum output
current is exceeded.
In addition, a low-voltage auxiliary power source, such
as a solar cell, can be added by soldering to the AUX+
and AUX- pads at the bottom-left corner of the board,
provided the source complies with the absolute
maximum
ratings
set
forth
above
(VAC
≤18V,
RSOURCE
>400OHMS, SW3=SUPERSERIES). A blocking
diode (400mV typical voltage drop) in series with the
AUX input prevents reverse leakage across the device.
4
REVISION N0. 002
REVISION DATE: 01-23-2013
Switch #1 (SW1)
– Piezo Connection
SERIES – SWITCH UP
PARALLEL – SWITCH DOWN
OUTPUT VOLTAGE
SWITCH #2 LEFT & RIGHT
00 = 1.8V = UP UP
10 = 3.3V = DOWN UP
01 = 2.5V = UP DOWN
11 = 3.6V = DOWN DOWN
Switch #2 (SW2)
– DC Output Setting
SWITCH UP FIRST DECIMAL BECOMES = 00
SWITCH DOWN FIRST DECIMAL BECOMES = 10
SWITCH UP SECOND DECIMAL BECOMES = 00
SWITCH DOWN SECOND DECIMAL BECOMES = 01
Switch #3 (SW3)
– Rectification Method
SUPERSERIES – SWITCH UP
NORMAL – SWITCH DOWN
CONNECTION INFORMATION
How do I configure the EHE
004?
Configuring the EHE004 is done by using the
combination of switches which appear on the top side
of the board. The switch at the top right, designated
SW3, controls the bridge rectifier connection. Place in
the “NORM” position (downward) for normal operation,
and the “SS” position for half-wave (“superseries”)
operation. The switch in the lower right hand side,
SW1, switches between parallel (downward, “Par.”
position) and series (upward, “Ser.” position) piezo
connection. The switch located in the top left hand
corner of the board, designated SW2, sets the output
voltage as marked below. In the legend below, the left
and right digit refer to the left and right toggle switch,
respectively, and the “1” or ON position is toward the
dot marked on the switch.
EHE004


Similar Part No. - 1725672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1725672 PHOENIX-1725672 Datasheet
112Kb / 3P
   Module no:1725656 LabelId:1725656 Operator: Phoenix
More results

Similar Description - 1725672

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EHE001 ETC2-EHE001 Datasheet
138Kb / 1P
   ENERGY HARVESTING ELECTRONICS
logo
Microchip Technology
MCP1810 MICROCHIP-MCP1810 Datasheet
1Mb / 32P
   Energy Harvesting
06/23/16
logo
Nexperia B.V. All right...
NEH2000BY NEXPERIA-NEH2000BY Datasheet
411Kb / 14P
   Energy harvesting PMIC
Rev. 3.1 - 3 April 2023
logo
Micro Analog systems
MAS6011B MAS-MAS6011B Datasheet
181Kb / 10P
   Solar Cell Energy Harvesting
logo
Cymbet Corporation
CBC915 CYMBET-CBC915 Datasheet
769Kb / 16P
   EnerChip Energy Processor for Energy Harvesting Applications
CBC915-ACA CYMBET-CBC915-ACA Datasheet
780Kb / 16P
   EnerChip??Energy Processor for Energy Harvesting Applications
logo
Linear Technology
DC2042A LINER-DC2042A_15 Datasheet
127Kb / 2P
   ENERGY HARVESTING MULTI-SOURCE DEMOBOARD
logo
Maxim Integrated Produc...
MAX17710_1107 MAXIM-MAX17710_1107 Datasheet
1Mb / 17P
   Energy-Harvesting Charger and Protector
Rev 1; 7/11
MAX17710 MAXIM-MAX17710_13 Datasheet
1Mb / 18P
   Energy-Harvesting Charger and Protector
Rev 2; 12/12
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
   ENERGY HARVESTING MULTITURN COUNTER/ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com