Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEN01G64D1BF1SA-25R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SEN01G64D1BF1SA-25R
Description  1GB DDR2 ??SDRAM SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEN01G64D1BF1SA-25R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SEN01G64D1BF1SA-25R Datasheet HTML 6Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 7Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 8Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 9Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 10Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 11Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 12Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 13Page - List of Unclassifed Manufacturers SEN01G64D1BF1SA-25R Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
Rev.1.2
12.12.2010
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 10
Ch-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 14
DDR2 SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS (Continued)
(0°C ≤ TCASE ≤ + 85°C; VDDQ = +1.8V ± 0.1V, VDD = +1.8V ± 0.1V)
AC CHARACTERISTICS
5300-555
6400-666
Unit
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Address and control input setup
time
tIS(base)
0.20
0.175
ns
Address and control input hold
time
tIH(base)
0.275
0.250
ns
CAS# to CAS# command delay
tCCD
2
2
tCK
ACTIVE to ACTIVE (same bank)
command period
tRC
55
60
ns
ACTIVE bank a to ACTIVE bank b
command
tRRD
7.5
7.5
ns
ACTIVE to READ or WRITE delay
tRCD
15
15
ns
Four bank Activate period
tFAW
37.5
37.5
ns
ACTIVE to PRECHARGE
command
tRAS
45
70
’000
45
70
’000
ns
Internal READ to precharge
command delay
tRTP
7.5
7.5
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery +
precharge time
tDAL
tWR +
tRP
tWR +
tRP
ns
Internal WRITE to READ
command delay
tWTR
7.5
7.5
ns
PRECHARGE command period
tRP
15
15
ns
PRECHARGE ALL command
period
tRPA
tRP +
tCK
tRP +
tCK
ns
LOAD MODE command cycle time
tMRD
2
2
tCK
CKE low to CK, CK# uncertainty
tDELAY
tIS + tCK + tIH
tIS + tCK + tIH
tCK
REFRESH to ACTIVE or
REFRESH to REFRESH
command interval
tRFC
127
127
ns
Average periodic refresh interval
(0°C<TC>85°C)
tREFI
-
7.8
-
7.8
µs
Average periodic refresh interval
(85°C<TC>95°C)
-
3.9
-
3.9
Exit SELF REFRESH to non-
READ command
tXSNR
tRFC(min)
+ 10
tRFC(min)
+ 10
ns
Exit SELF REFRESH to READ
command
tXSRD
200
200
tCK
Exit SELF REFRESH timing
reference
tISXR
tIS
tIS
ps
ODT turn-on delay
tAOND
2
2
2
2
tCK
ODT turn-on
tAON
tAC(min)
tAC(max)
+ 1,000
tAC(min)
tAC(max)
+ 1,000
ps
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
tCK
ODT turn-off
tAOF
tAC(min)
tAC(max)
+ 600
tAC(min)
tAC(max)
+ 600
ps
ODT turn-on (power-down mode)
tAONPD
tAC(min)
+ 2,000
2 x tCK +
tAC(max)
+ 1,000
tAC(min)
+ 2,000
2 x tCK +
tAC(max)
+ 1,000
ps
ODT turn-off (power-down mode)
tAOFPD
tAC(min)
+ 2,000
2.5 x tCK
+
tAC(max)
+ 1,000
tAC(min)
+ 2,000
2.5 x tCK
+
tAC(max)
+ 1,000
ps
ODT to power-down entry latency
tANPD
3
3
tCK


Similar Part No. - SEN01G64D1BF1SA-25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-25[W]R ETC2-SEN01G64D1BG1MT-25[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEN01G64D1BG1MT-30[W]R ETC2-SEN01G64D1BG1MT-30[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEN01G64D1BG1MT-37[W]R ETC2-SEN01G64D1BG1MT-37[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEN01G64D1BH1MT-25[EW]R ETC2-SEN01G64D1BH1MT-25[EW]R Datasheet
431Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
More results

Similar Description - SEN01G64D1BF1SA-25R

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
EBE11UE6ACUA ELPIDA-EBE11UE6ACUA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BH1MT-25[EW]R ETC2-SEN01G64D1BH1MT-25[EW]R Datasheet
431Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64E1CH2MT-30R ETC2-SEN01G64E1CH2MT-30R Datasheet
635Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
logo
White Electronic Design...
W3HG128M64EEU-D4 WEDC-W3HG128M64EEU-D4 Datasheet
208Kb / 14P
   1GB - 128Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com