Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR202 Datasheet(PDF) 8 Page - Sanken electric

Part # BR202
Description  POL Converter Module for 12 V System Intermediate Bus
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

BR202 Datasheet(HTML) 8 Page - Sanken electric

Back Button BR202 Datasheet HTML 4Page - Sanken electric BR202 Datasheet HTML 5Page - Sanken electric BR202 Datasheet HTML 6Page - Sanken electric BR202 Datasheet HTML 7Page - Sanken electric BR202 Datasheet HTML 8Page - Sanken electric BR202 Datasheet HTML 9Page - Sanken electric BR202 Datasheet HTML 10Page - Sanken electric BR202 Datasheet HTML 11Page - Sanken electric BR202 Datasheet HTML 12Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SANKEN ELECTRIC CO., LTD.
BR202-DS, Rev. 0.03E
POL Converter Module for 12 V System Intermediate Bus
BR202/203
Application Information
Test Measuring Circuit
The test measuring circuit used for establishing the BR202/203
electrical characteristics is is shown in figure 7.
The decoupling capacitors, CIN and COUT , should be ceramic
capacitors, placed near the I/O terminals of the BR202/203.
Ripple Voltage Measuring Method
Figure 8 provides the test measurement circuit used for establish-
ing voltage ripple.
Figure 7. Test circuit for electrical characteristics
Figure 8. Test circuit for ripple voltage measurement
RTRIM
BR202/203
ON/OFF
PG
VIN
GND
VIN
Power
Good
COUT
GND
VOUT
VPG (5 V)
CIN
CIN: Ceramic capacitor 40 μF
COUT: Ceramic capacitor 400 μF
ON/OFF
VS+
VOUT
RTRIM
VIN
VOUT
VIN
CIN
COUT
GND
Rated
Load
50 Ω
10 nF
Terminator
Oscilloscope
BW 20 MHz
Z = 1 MΩ
BR202/203
1.5D2V coaxial cable
(RG-174/U equivalent)
1.5 m length
Ceramic capacitor, 200 μF
Install near the test probe
Keisoku Giken
TRC-50F
Equivalent circuit
Switching
Period
Vrip


Similar Part No. - BR202

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
logo
Panasonic Semiconductor
BR2020 PANASONIC-BR2020 Datasheet
39Kb / 1P
   Poly-carbonmonofluride Lithium Coin Batterise Individual Specifications
More results

Similar Description - BR202

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR201 SANKEN-BR201 Datasheet
684Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
683Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
604Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
605Kb / 12P
   POL Converter Module for 12 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
697Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
   POL Converter Module for 5 V System Intermediate Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com