Electronic Components Datasheet Search |
|
ML9286-03 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
ML9286-03 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 37 page FEDL9286-03 ML9286-xx 7/37 ABSOLUTE MAXIMUM RATINGS GND = 0 V Parameter Symbol Condition Rating Unit Supply Voltage (1) VDD — –0.3 to +6.5 V Supply Voltage (2) VDISP — –0.3 to +85 V Input Voltage VIN — –0.3 to VDD+0.3 V Operating Temperature Tj — –40 to +125 °C IO1 COM1 to COM20 –40.0 to 2.0 IO2 AD1, AD2 –20.0 to 2.0 IO3 SEG1 to SEG35 –10.0 to 2.0 Output Current IO4 DO –2.0 to 2.0 mA Power Dissipation PD Ta 25C 80-pin plastic TQFP / QFP 400 mW Storage Temperature TSTG — –55 to +150 °C RECOMMENDED OPERATING CONDITIONS GND = 0 V Parameter Symbol Condition Min. Typ. Max. Unit 3.3V unit power supply used 3.0 3.3 3.6 V Supply Voltage (1) VDD 5.0V unit power supply used 4.5 5.0 5.5 V Supply Voltage (2) VDISP — 20 — 80 V CP Frequency fC — — — 2.0 MHz Oscillation Frequency fOSC Self-oscillation 3.5 4.0 4.5 MHz Frame Frequency fFR DIGIT = 1 to 20, Self-oscillation 171 195 220 Hz Tj AL-Pad Chip –40 — +125 °C Operating Temperature Ta 80-pin plastic TQFP / QFP –40 — +105 °C |
Similar Part No. - ML9286-03 |
|
Similar Description - ML9286-03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |