Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9298 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ML9298
Description  12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9298 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ML9298 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9298 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FEDL9298-01
LAPIS Semiconductor
ML9298
6/12
ELECTRICAL CHARACTERISTICS
DC Characteristics
(Vcc = 4.0 to 18.0 V, VDDIN = 2.8 to 3.6 V, Ta =
40 to 85°C)
Parameter
Applicable pin
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" input voltage
*1)
VIH
VCC = 4 to 18 V
VCC0.8
V
"L" input voltage
*1)
VIL
VCC = 4 to 18 V
VCC0.2
V
VCC = 12 V
IIH1
VIN = VCC
20
65
200
A
VCC = 12 V
DIM1, DIM2,
BLANK,
COLSEL
IIL1
VIN = 0 V
2
2
A
VCC = 12 V
IIH2
VIN = VCC
2
2
A
VCC = 12 V
ZA, HS , MS , A/C,
TEST
IIL2
VIN = 0 V
–200
–65
–20
A
VCC = 12 V
IIH3
VIN = VCC
–2
2
A
VCC = 12 V
Input current
COLSEL
IIL3
VIN = 0 V
–2
2
A
VCC = 12 V
VOH1
IOH1 =
1 mA
VCC–2.0
V
VCC = 12 V
*2)
VOL1
IOL1 = 0.55 mA
2
V
VCC = 12 V
VOH2
IOH2 =
2 mA
VCC–2.0
V
VCC = 12 V
*3)
VOL2
IOL2= 0.55 mA
2
V
VCC = 12 V
VOH3
IOH3 =
15 mA
VCC–2.0
V
VCC = 12 V
GRID1, GRID2
VOL3
IOL3 = 0.55 mA
2
V
VOH4
VDDIN = 3.0V
IOH4 =
0.1mA
VDDIN–0.5
V
Output voltage
F64HZ
VOL4
VDDIN = 3.0V
IOL4 = 0.1mA
0.5
V
Dynamic supply
current
VCC
ICC
*4)
400
600
A
*1) Applicable to the following pins:
DIM1, DIM2,
BLANK, TEST, ZA, HS, MA, A/C, and COLSEL
*2) Applicable to the following SEGMENT output pins:
1a and 3a, 1b and 3b, 1c and 3c, 1d and 3d, 1e and 3e, 1f and 3f, 1g and 3g, 2g, 2e, and 2f
*3) Applicable to the following SEGMENT output pins:
2a, 2d, 2b and 4b, 4c and 2c, and col
*4) f = 4.194304 MHz, Cg = Cd = 33pF, VCC = 12V, open input, and non-loaded output


Similar Part No. - ML9298

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9298 OKI-ML9298 Datasheet
126Kb / 12P
   ML9298MB
logo
List of Unclassifed Man...
ML9298 ETC2-ML9298 Datasheet
267Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
LAPIS Semiconductor Co....
ML9298 LAPIS-ML9298 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
OKI electronic componet...
ML9298MB OKI-ML9298MB Datasheet
126Kb / 12P
   ML9298MB
More results

Similar Description - ML9298

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9298 LAPIS-ML9298 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
List of Unclassifed Man...
ML9298 ETC2-ML9298 Datasheet
267Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
FEDL9298-01 ETC2-FEDL9298-01 Datasheet
118Kb / 12P
   12-Hour System Clock IC for 1/2 Duty Fluorescent Display Tubes
logo
OKI electronic componet...
MSC1210 OKI-MSC1210 Datasheet
141Kb / 11P
   Clock For 1/2 Duty VFD
logo
LAPIS Semiconductor Co....
ML9098B LAPIS-ML9098B Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
List of Unclassifed Man...
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
ML9098B ETC2-ML9098B Datasheet
389Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
FEDL9098B-01 ETC2-FEDL9098B-01 Datasheet
167Kb / 15P
   Clock IC with Static and 1/2-Duty LCD Drivers
logo
Sanyo Semicon Device
LC7574NE SANYO-LC7574NE Datasheet
190Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
LC7573N SANYO-LC7573N Datasheet
169Kb / 10P
   1/2 Duty VFD Driver for Frequency Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com