Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RL1C
Description  EEPROM Emulation Library
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL1C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RL1C Datasheet HTML 3Page - Renesas Technology Corp RL1C Datasheet HTML 4Page - Renesas Technology Corp RL1C Datasheet HTML 5Page - Renesas Technology Corp RL1C Datasheet HTML 6Page - Renesas Technology Corp RL1C Datasheet HTML 7Page - Renesas Technology Corp RL1C Datasheet HTML 8Page - Renesas Technology Corp RL1C Datasheet HTML 9Page - Renesas Technology Corp RL1C Datasheet HTML 10Page - Renesas Technology Corp RL1C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
RL78 Family
Chapter 1
Overview
EEPROM Emulation Library Pack02
R01US0068EJ0100
Rev.1.00
Page 7 of 53
Mar. 28, 2014
Chapter 1 Overview
1.1
Outline
EEPROM emulation is a feature used to store data in the on-board flash memory in the same way as EEPROM.
During EEPROM emulation, the Data Flash library and EEPROM emulation library are used, and the data flash
memory is written to and read from.
The Data Flash library is a software library used to perform operations on the data flash memory. The EEPROM
emulation library is a software library used to execute EEPROM emulation from a user-created program. The Data
Flash library and EEPROM emulation library are placed in the code flash memory for use.
The EEPROM emulation library is free software to rewrite the data flash through the user program.
In this user’s manual, processing of the EEPROM emulation library includes processing of the Data Flash library.
Be sure to use this user’s manual together with the release note supplied with the package of this EEPROM
emulation library and the user’s manual for the target device.
1.2
Target Devices
For the latest device information, please contact our distributors or sales representatives.
1.3
Definition of Terms
The terms used in this manual are defined below.
• Pack
"Pack" is an identification name representing an EEPROM emulation library type. Use the pack corresponding to
your device.
• EEL
An abbreviation of the EEPROM Emulation library.
In this user’s manual, the RL78 EEPROM emulation library Pack02 is hereafter referred to as EEL.
• FDL
An abbreviation of the Data Flash library.
• FSL
An abbreviation of the Flash Self Programming library.
• EEL function
A generic term for the functions offered by the EEL.


Similar Part No. - RL1C

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RL1 WILLOW-RL1 Datasheet
120Kb / 2P
   ULTRA PRECISION METAL FILM RESISTORS
logo
List of Unclassifed Man...
RL1-060 ETC2-RL1-060 Datasheet
18Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL1-070 ETC2-RL1-070 Datasheet
18Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL1-080 ETC2-RL1-080 Datasheet
18Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL1-090 ETC2-RL1-090 Datasheet
18Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL1C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R20UT2645EJ0100 RENESAS-R20UT2645EJ0100 Datasheet
382Kb / 18P
   EEPROM Emulation Library Pack
logo
STMicroelectronics
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
AN2540 STMICROELECTRONICS-AN2540 Datasheet
238Kb / 25P
   EEPROM emulation in STR91xFxx devices
X-CUBE-EEPROM STMICROELECTRONICS-X-CUBE-EEPROM Datasheet
132Kb / 5P
   EEPROM emulation software expansion for STM32Cube
December 2021
logo
NEC
T40A2 NEC-T40A2 Datasheet
91Kb / 2P
   Tape Library
logo
STMicroelectronics
AN3375 STMICROELECTRONICS-AN3375 Datasheet
695Kb / 73P
   CR95HF library for ISO15693 and Dual Interface EEPROM products
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
   80" Emulation board
logo
STMicroelectronics
ST16ST2G STMICROELECTRONICS-ST16ST2G Datasheet
29Kb / 2P
   Smartcard MCU With up to 16352 Bytes EEPROM & T2G Authentication Library
logo
Mosel Vitelic, Corp
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
   180 Emulation board
logo
STMicroelectronics
AN3298 STMICROELECTRONICS-AN3298 Datasheet
397Kb / 27P
   STM8S DALI slave library
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com