Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14FE-BT-VK-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 14FE-BT-VK-N
Description  1.25mm pitch Connectors for FFC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14FE-BT-VK-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  14FE-BT-VK-N Datasheet HTML 1Page - List of Unclassifed Manufacturers 14FE-BT-VK-N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FE CONNECTOR
1.25mm pitch/Connectors for FFC
NON-
The FE connector ensures easy, secure
connection of flexible flat cables (FFC).
This compact connector is 4.8mm wide,
7.5mm high, and provides high contact
pressure even though little force is
required for insertion. The result is smooth
insertion and reliable contact performance.
The connector is useful in making
personal computers, VCRs and car stereo
systems smaller and lighter.
Specifications –––––––––––––––––––
• Current rating:
1.0A AC, DC
• Voltage rating:
200V AC, DC
• Temperature range: -25˚C to+85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/30m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable FFC:
Conductor pitch/1.25mm
Conductor width/0.8mm
Mating part thickness/0.3
±0.05mm
Note: FFC to be actually used should be checked for applicability.
• Applicable PC board thickness: 1.2 to 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
• Low insertion force and high contact
pressure
• Snap-in connection
• Temporary board retention feature
Circuit No.1
4.8
1.175
φ0.8
+0.1
 0
1.25
±0.05
2.5
±0.05
Contact
point
7.5
6.5
Circuit No.1
2.5
±0.05
φ0.8
+0.1
 0
1.25
±0.05
Contact
point
Top entry type
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline. Contact JST for details.
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - 14FE-BT-VK-N

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
14F-10 YUANDEAN-14F-10 Datasheet
612Kb / 2P
   RJ45 Jack
14F-10NW2NL YUANDEAN-14F-10NW2NL Datasheet
612Kb / 2P
   RJ45 Jack
14F-1X YUANDEAN-14F-1X Datasheet
612Kb / 2P
   RJ45 Jack
logo
List of Unclassifed Man...
14F-2Z-A1 ETC-14F-2Z-A1 Datasheet
81Kb / 1P
   Relay Socket
logo
Hammond Manufacturing L...
14F0505 HAMMOND-14F0505 Datasheet
77Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - 14FE-BT-VK-N

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH3-4S-1.25DS HIROSE-FH3-4S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
logo
List of Unclassifed Man...
F1257 ETC1-F1257 Datasheet
171Kb / 2P
   1.25mm pitch FFC/FPC connector
logo
Molex Electronics Ltd.
0039532294 MOLEX3-0039532294 Datasheet
165Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector
logo
JST Mfg. Co., Ltd.
FMZ JST-FMZ Datasheet
57Kb / 2P
   FMZ CONNECTOR 1.0mm pitch/Connectors for FFC
logo
List of Unclassifed Man...
50FY-BMT-TBLFSN ETC2-50FY-BMT-TBLFSN Datasheet
142Kb / 2P
   FY CONNECTOR 0.5mm pitch/Connectors for FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
12FLZ-RSM1-TB ETC2-12FLZ-RSM1-TB Datasheet
133Kb / 5P
   Connectors for FFC and FPC
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-40S-05SH ETC2-FH12-40S-05SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com