Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIE-4353 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXIE-4353
Description  Data Acquisition with Integrated Signal Conditioning for Thermocouple Measurements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-4353 Datasheet(HTML) 6 Page - National Instruments Corporation

  NIPXIE-4353 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-4353 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
www.ni.com
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
Max 23 °C ±5 °C
0.98
0.70 0.66
0.80
0.82
0.96
1.14
1.30
1.66
Max 0–55 °C
1.43
1.00 0.91
1.14
1.25
1.49
1.80
2.09
2.68
Thermocouple Type T/E Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High Resolution Typical 23 °C ±5 °C 0.45
0.30 0.26
0.27
0.32
0.39
0.47
Max 23 °C ±5 °C
0.75
0.51 0.44
0.43
0.48
0.58
0.69
Max 0–55 °C
1.27
0.85 0.69
0.71
0.86
1.06
1.28
High Speed
Typical 23 °C ±5 °C 0.70
0.47 0.41
0.40
0.44
0.54
0.64
Max 23 °C ±5 °C
1.05
0.73 0.62
0.59
0.63
0.75
0.88
Max 0–55 °C
1.57
1.07 0.87
0.87
1.00
1.23
1.47
Thermocouple Type R/S Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High Resolution Typical 23 °C ±5 °C —
0.77 0.57
0.51
0.53
0.56
0.59
0.61
0.69
Max 23 °C ±5 °C
1.65 1.20
1.04
1.04
1.06
1.07
1.09
1.18
Max 0–55 °C
2.29 1.64
1.48
1.53
1.62
1.69
1.77
1.99
High Speed
Typical 23 °C ±5 °C —
2.01 1.46
1.25
1.23
1.24
1.24
1.25
1.34
Max 23 °C ±5 °C
3.15 2.30
1.95
1.89
1.88
1.86
1.86
1.96
Max 0–55 °C
3.80 2.73
2.38
2.39
2.44
2.48
2.54
2.77
Thermocouple Type B Measurement Accuracy (°C)
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
High Resolution Typical 23 °C ±5 °C —
0.97
0.64
0.54
0.48
0.47
0.49
Max 23 °C ±5 °C
2.31
1.47
1.16
1.01
0.94
0.92
Max 0–55 °C
2.96
1.94
1.60
1.45
1.41
1.46
High Speed
Typical 23 °C ±5 °C —
3.12
1.96
1.53
1.31
1.19
1.15
Max 23 °C ±5 °C
4.93
3.08
2.38
2.01
1.82
1.72
Max 0–55 °C
5.58
3.55
2.81
2.45
2.29
2.26
Additional Maximum Error When Open Thermocouple Detection Is Enabled (°C) 8
–100 °C 0 °C 100 °C 300 °C 500 °C 700 °C 900 °C 1100 °C 1400 °C
J/N
0.05
0.04 0.03
0.03
0.02
0.02
0.02
0.03
K
0.03
0.02 0.02
0.02
0.02
0.02
0.02
0.03
0.03
T/E
0.03
0.02 0.02
0.02
0.01
0.01
0.01
R/S —
0.18 0.13
0.10
0.10
0.09
0.08
0.08
0.08
B
0.31
0.19
0.14
0.11
0.10
0.08
Timing
Note To maintain the specified accuracy, the maximum allowable sample rate is 90 S/s.
ADC Timing Modes 2 ADC Conversion Rate Max Sample Rate
(32 Channels)
9
1 (High Resolution) 10
17 Hz
1 S/s
2
34 Hz
2 S/s
3
68 Hz
4 S/s
4
136 Hz
8 S/s
5
272 Hz
16 S/s
6
544 Hz
32 S/s
7 (High Speed)
1530 Hz
90 S/s
Digital Triggers
PXI_TRIG <0..7>, PXI_STAR, PXIe_DSTAR <A..B>


Similar Part No. - NIPXIE-4353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4300 NI-NIPXIE-4300 Datasheet
765Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
More results

Similar Description - NIPXIE-4353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-4300 NI-NIPXIE-4300 Datasheet
765Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for High-Voltage Measurements
NIPXIE-4330 NI-NIPXIE-4330 Datasheet
226Kb / 9P
   Data Acquisition with Integrated Signal Conditioning for Bridge-Based Measurements
NI-DAQMX NI-NI-DAQMX Datasheet
278Kb / 3P
   Data Acquisition and Signal Conditioning Driver Software Options
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
logo
Analog Devices
ADXL50 AD-ADXL50 Datasheet
286Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
logo
Wolfson Microelectronic...
WM8144-12 WOLFSON-WM8144-12 Datasheet
351Kb / 27P
   Integrated 12-bit Data Acquisition System for Imaging Applications
WM8144-10 WOLFSON-WM8144-10 Datasheet
395Kb / 27P
   Integrated 10-bit Data Acquisition system for Imaging Applications
logo
STMicroelectronics
AN4348 STMICROELECTRONICS-AN4348 Datasheet
861Kb / 25P
   Signal conditioning for electrochemical sensors
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com