Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXIe5186 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NIPXIe5186
Description  1.5 GHz analog Sampling rates of 5 GS/s
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIe5186 Datasheet(HTML) 3 Page - National Instruments Corporation

  NIPXIe5186 Datasheet HTML 1Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 2Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 3Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 4Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 5Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 6Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 7Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 8Page - National Instruments Corporation NIPXIe5186 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/24
www.ni.com
Back to Top
Figure 2. With the density of the NI PXIe-5162 digitizer, you can create a 68-channel software-defined oscilloscope.
Flexible Software
Unlike vendor-defined box instruments, modular digitizers are defined and customized through software. Basic functions are available through the NI-SCOPE Soft Front Panel, an
interactive UI that is shipped with PXI digitizers. You can also build fully automated applications using the NI-SCOPE driver, which provides over 40 digitizer examples to
accelerate development time. The IVI-compliant NI-SCOPE driver provides abstracted APIs for use with NI LabVIEW, NI LabWindows /CVI, and NI Measurement Studio for
Visual Studio. It also includes more than 50 built-in measurement and analysis functions. For comprehensive data analysis and visualization, LabVIEW is shipped with over 850
signal processing and mathematics functions.
Figure 3. The NI-SCOPE Soft Front Panel is shipped with all NI digitizers to simplify interactive measurements.
Figure 4. You can pair NI digitizers with the NI LabVIEW Jitter Analysis Toolkit to perform signal integrity measurements.


Similar Part No. - NIPXIe5186

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIe5186 NI-NIPXIe5186 Datasheet
1Mb / 15P
   5GHz (NI PXIe-5186) and 3 GHz (NI PXIe-5185) analog bandwidths
More results

Similar Description - NIPXIe5186

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20665 CONEXANT-CX20665 Datasheet
684Kb / 2P
   Sampling rates include 16-bit, 44.1
logo
Exar Corporation
XRDAN29 EXAR-XRDAN29 Datasheet
55Kb / 2P
   Criteria for Accurate Sampling of Analog Signals
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Custom MMIC Design Serv...
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com