Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NI5772 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NI5772
Description  1.5 GHz analog Sampling rates of 5 GS/s
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI5772 Datasheet(HTML) 1 Page - National Instruments Corporation

  NI5772 Datasheet HTML 1Page - National Instruments Corporation NI5772 Datasheet HTML 2Page - National Instruments Corporation NI5772 Datasheet HTML 3Page - National Instruments Corporation NI5772 Datasheet HTML 4Page - National Instruments Corporation NI5772 Datasheet HTML 5Page - National Instruments Corporation NI5772 Datasheet HTML 6Page - National Instruments Corporation NI5772 Datasheet HTML 7Page - National Instruments Corporation NI5772 Datasheet HTML 8Page - National Instruments Corporation NI5772 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
www.ni.com
Back to Top
Back to Top
Technical Sales
United States
(866) 531-6285
info@ni.com
Last Revised: 2014-03-12 12:20:56.0
NI PXIe-5162
1.5 GHz analog bandwidth
Sampling rates of 5 GS/s (1 ch active) and 1.25 GS/s (4 ch active)
10-bit vertical resolution with input ranges from 50 mVpk-pk to 50 Vpk-pk
4 independently configurable channels with 50 Ω and 1 MΩ input impedance paths
Data transfer rates of >600 MB/s from device to host
1-slot, 3U PXI Express form factor
2 channels and 4 channels versions available
Overview
The NI PXIe-5162 digitizer/oscilloscope delivers a new level of performance in the small-form-factor, low-power PXI platform. Its flexibility makes it an ideal general-purpose
instrument for test and measurement applications. Each of the four analog input channels can acquire up to 5 GS/s with 1.5 GHz of bandwidth on the 50 Ω path and 300 MHz on
the 1 MΩ path. For high-channel applications, the analog-to-digital-converter provides two channels to sample up to 2.5 GS/s or four channels to sample up to 1.25 GS/s with 1.5
GHz analog bandwidth on the 50 Ω path. To manage the large data sets, the NI PXIe-5162 is equipped with deep onboard memory and a PCI Express x4 Gen 1 link to the PXI
Express backplane.
Comparison Tables
Model
Number
Form Factor
Max. Sample
Rate
Max.
Bandwidth
Resolution
Input
Impedance
Signal
Coupling
Channel
Count
PXI Slot
Count
NI PXI-5114
PXI
250 MS/s
125 MHz
8-bit
50 Ω / 1 MΩ
AC / DC
2
1
NI PXI-5152
PXI
2 GS/s
300 MHz
8-bit
50 Ω / 1 MΩ
AC / DC
2
1
NI PXI-5153
PXI
2 GS/s
500 MHz
8-bit
50 Ω
AC / DC
2
1
NI PXI-5154
PXI
2 GS/s
1 GHz
8-bit
50 Ω
AC / DC
2
1
NI PXIe-5162
PXI Express
5 GS/s
1.5 GHz
10-bit
50 Ω / 1 MΩ
AC / DC
4
1
NI PXIe-5185
PXI Express
12.5 GS/s
3 GHz
8-bit
50 Ω / 1 MΩ
AC / DC
2
3
NI PXIe-5186
PXI Express
12.5 GS/s
5 GHz
8-bit
50 Ω / 1 MΩ
AC / DC
2
3
NI 5772
NI FlexRIO Adapter
Module
1.6 GS/s
2 GHz
12-bit
50 Ω
AC
2
1
NI 5771
NI FlexRIO Adapter
Module
3 GS/s
900 MHz
8-bit
50 Ω
DC
2
1
Application and Technology
The NI PXIe-5162 digitizer offers the familiar analog front end of a traditional oscilloscope with the added benefits of flexible software, improved measurement performance, and
simplified channel expansion. Common applications include:
Automated test of electronic devices
|
Ordering Information
Detailed Specifications
For user manuals and dimensional drawings, visit the product page resources tab on ni.com.


Similar Part No. - NI5772

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5751 NI-NI5751 Datasheet
548Kb / 14P
   16-Channel, 50 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
NI5761 NI-NI5761 Datasheet
495Kb / 14P
   250 MS/s, 14-Bit Digitizer Adapter Module for NI FlexRIO
More results

Similar Description - NI5772

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20665 CONEXANT-CX20665 Datasheet
684Kb / 2P
   Sampling rates include 16-bit, 44.1
logo
Exar Corporation
XRDAN29 EXAR-XRDAN29 Datasheet
55Kb / 2P
   Criteria for Accurate Sampling of Analog Signals
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Custom MMIC Design Serv...
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
logo
Texas Instruments
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com