Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIUSB-5132 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # NIUSB-5132
Description  Bus-Powered USB Digitizers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIUSB-5132 Datasheet(HTML) 8 Page - National Instruments Corporation

  NIUSB-5132 Datasheet HTML 1Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 2Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 3Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 4Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 5Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 6Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 7Page - National Instruments Corporation NIUSB-5132 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8/8
www.ni.com
Back to Top
Weight
244 g (8.6 oz)
©2010 National Instruments. All rights reserved. CompactRIO, CVI, FieldPoint, LabVIEW, Measurement Studio, National Instruments, National Instruments Alliance Partner, NI, and ni.com are trademarks of
National Instruments. The mark LabWindows is used under a license from Microsoft Corporation. Windows is a registered trademark of Microsoft Corporation in the United States and other countries. Other product
and company names listed are trademarks or trade names of their respective companies. A National Instruments Alliance Partner is a business entity independent from National Instruments and has no agency,
partnership, or joint-venture relationship with National Instruments.
|
|
|
|
My Profile RSS Privacy Legal Contact NI © 2012 National Instruments Corporation. All rights reserved.


Similar Part No. - NIUSB-5132

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-5680 NI-NIUSB-5680 Datasheet
427Kb / 4P
   True RMS power measurements/Diode power meter
More results

Similar Description - NIUSB-5132

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
logo
ATMEL Corporation
AT43312 ATMEL-AT43312 Datasheet
157Kb / 21P
   Self- and Bus- Powered USB Hub Controller
logo
SMSC Corporation
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
   Bus Powered USB 2.0 Flash Media Controller
logo
Maxim Integrated Produc...
CMAXQUSB MAXIM-CMAXQUSB Datasheet
268Kb / 16P
   USB Powered
Rev 2; 12/10
MAX1452EVKIT MAXIM-MAX1452EVKIT Datasheet
2Mb / 21P
   USB Powered
2021
logo
National Instruments Co...
NIUSB-6216 NI-NIUSB-6216 Datasheet
539Kb / 18P
   Bus-Powered M Series Multifunction DAQ for USB - 16-Bit
logo
Maxim Integrated Produc...
MAX1811 MAXIM-MAX1811 Datasheet
167Kb / 8P
   USB-Powered Li Charger
19-2024; Rev 2; 6/03
MAX1811 MAXIM-MAX1811_V01 Datasheet
1Mb / 8P
   USB-Powered Li Charger
2019
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com