Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R8C
Description  E1 Emulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C Datasheet(HTML) 3 Page - Renesas Technology Corp

  R8C Datasheet HTML 1Page - Renesas Technology Corp R8C Datasheet HTML 2Page - Renesas Technology Corp R8C Datasheet HTML 3Page - Renesas Technology Corp R8C Datasheet HTML 4Page - Renesas Technology Corp R8C Datasheet HTML 5Page - Renesas Technology Corp R8C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
On-chip Debuggers Performance Property
MINICUBE2
◆As for debugging function information of other emulators, visit each product's page from the following URL.
http://www.renesas.com/emulator_lineups
■MINICUBE2 Debugging Function
Family
Series/ Core
Group
Hardware Break
Software
Break
Forcible break
2 points *1
(Shared by an execution and access)
ROM area:
4 points
RAM area:
2000 points
Supported *2
Before-execution break : 4 points
Access break :
4 points
* Sequential breaks are specifiable.
ROM area:
8 points
RAM area:
2000 points
Supported
1 point
(Shared by an execution and access)
2000 points
Supported
Pseudo-Real RAM Monitor
(RRM) : Supported
Supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Before-execution break : 1 point
(Not supported when software breaks are used)
Access break :
1 point
2000 points
Supported
Pseudo-Real RAM Monitor
(RRM) : Supported
Supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Not supported
2000 points
Supported
(Not supported while
interrupts are inhibited )
Not supported
Not supported
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
* The information provided only applies to MCUs where we have been able to confirm the specifications of the
emulator.
This includes MCUs and emulator software that are under development. For more information on support for these
items as it becomes available, check our website at:
http://www.renesas.com/cubesuite+ > "Functions Supported by CubeSuite+"(PDF)
78K0R
78K0
78K0S
Notes:
*1. The following MCUs have not been supported yet: V850ES/KE2, V850ES/KF2, V850ES/KG2, μPD70F3733, and V850ES/IE2.
*2. A forcible break is not possible in the following states.
- Interrupts are inhibited (DI).
- Interrupts from the serial interface used for communications between MINICUBE2 and the target device are masked.
- The device is on standby and triggering of release from standby by makeable interrupts is disabled.
- The main clock is stopped while the UART is being used as the communications interface between MINICUBE2
and the target device.
V850E2M
V850E2S
Target MCU
V850
V850E1
V850ES
V850E2
DMM
(Rewriting memories
during RUN)
Time Measurement
(from the start of execution
to break)
Break Function
Measurement resolution:
100μs
Max. measurement time:
Approx. 100 hours
Supported
Supported
RAM Monitor
On-chip Debuggers Performance Property - page 3
★ New product ★★ Under development ☆ In planning
Renesas general tools catalog (Sep 2013)


Similar Part No. - R8C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C RENESAS-R8C Datasheet
440Kb / 49P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C RENESAS-R8C Datasheet
1Mb / 106P
   Household appliances, office equipment, audio equipment, consumer products
R8C RENESAS-R8C Datasheet
1Mb / 199P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
R8C RENESAS-R8C Datasheet
452Kb / 50P
   RENESAS MCU
R8C RENESAS-R8C Datasheet
517Kb / 55P
   RENESAS MCU
More results

Similar Description - R8C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R20UT2452EJ0110 RENESAS-R20UT2452EJ0110 Datasheet
774Kb / 21P
   E1/E20 Emulator
E1 RENESAS-E1 Datasheet
757Kb / 500P
   E1/E20 Emulator
R0E000010CKZ11 RENESAS-R0E000010CKZ11 Datasheet
185Kb / 4P
   Small Connector Conversion Adapter for the E1 Emulator
RH850F1L RENESAS-RH850F1L Datasheet
360Kb / 16P
   Emulator
logo
Zilog, Inc.
Z8ICE001ZEM ZILOG-Z8ICE001ZEM Datasheet
126Kb / 7P
   Z8PLUS EMULATOR
logo
Keysight Technologies
E6965A KEYSIGHT-E6965A Datasheet
1Mb / 8P
   Location Server Emulator
logo
STMicroelectronics
ST6-EMU2 STMICROELECTRONICS-ST6-EMU2 Datasheet
48Kb / 4P
   ST6-EMU2 emulator
logo
Renesas Technology Corp
E702289_SH7290 RENESAS-E702289_SH7290 Datasheet
1Mb / 252P
   SH7290 E10A Emulator
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
   In-Circuit Emulator
logo
List of Unclassifed Man...
D9091SW013 ETC2-D9091SW013 Datasheet
46Kb / 1P
   SYSCON Terminal Emulator Software
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com