Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR3935-7 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR3935-7
Description  SILICON CONTROLLED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR3935-7 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR3935-7 Datasheet HTML 1Page - Digitron Semiconductors MCR3935-7 Datasheet HTML 2Page - Digitron Semiconductors MCR3935-7 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130118
MCR3935 SERIES
SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive forward and reverse blocking voltage(1)
MCR3935-1
MCR3935-2
MCR3935-3
MCR3935-4
MCR3935-5
MCR3935-6
MCR3935-7
MCR3935-8
MCR3935-9
MCR3935-10
VRRM, VDRM
25
50
100
200
300
400
500
600
700
800
Volts
Peak non-repetitive reverse blocking voltage (t ≤ 5ms)
MCR3935-1
MCR3935-2
MCR3935-3
MCR3935-4
MCR3935-5
MCR3935-6
MCR3935-7
MCR3935-8
MCR3935-9
MCR3935-10
VRSM
25
50
100
200
300
400
500
600
700
800
Volts
Forward on-state current RMS (all conduction angles)
IT(RMS)
35
Amps
Peak surge current
(one cycle, 60Hz, TJ = -40 to +125°C)
ITSM
35
Amps
Circuit fusing considerations
(TJ = -40 to +100°C, t ≤ 8.3ms)
I2t
510
A2s
Peak gate power
PGM
5
Watts
Average gate power
PG(AV)
0.5
Watts
Peak forward gate current
IGM
2
Amps
Peak gate voltage, forward or reverse
VGM
10
Volts
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque
30
In. lb.
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied
concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
1.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open)
TJ = 25°C
TJ = 100°C
IDRM, IRRM
-
-
-
1
10
5
µA
mA
Forward “on” voltage
(ITM = 35A peak)
VTM
-
1.2
1.5
Volts


Similar Part No. - MCR3935-7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR3935-10 MOTOROLA-MCR3935-10 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
MCR3935-10 NJSEMI-MCR3935-10 Datasheet
93Kb / 2P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
logo
Motorola, Inc
MCR3935-2 MOTOROLA-MCR3935-2 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
MCR3935-2 NJSEMI-MCR3935-2 Datasheet
93Kb / 2P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
logo
Motorola, Inc
MCR3935-3 MOTOROLA-MCR3935-3 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
More results

Similar Description - MCR3935-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com