Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR2080-8 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR2080-8
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR2080-8 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR2080-8 Datasheet HTML 1Page - Digitron Semiconductors MCR2080-8 Datasheet HTML 2Page - Digitron Semiconductors MCR2080-8 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MCR2080(A) SERIES
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage(1)
Peak repetitive reverse voltage
MCR2080(A)-4
MCR2080(A)-5
MCR2080(A)-6
MCR2080(A)-7
MCR2080(A)-8
MCR2080(A)-9
MCR2080(A)-10
VRRM
VDRM
200
300
400
500
600
700
800
Volts
Forward current RMS (all conduction angles)
IT(RMS)
8.0
Amps
Peak forward surge current (1/2 cycle, sine wave, 60 Hz)
ITSM
90
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
34
A2s
Forward peak gate power
PGM
5.0
Watts
Forward average gate power
PG(AV)
0.5
Watts
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: VRRM for all types can be applied on a continuous dc basis without incurring damage. Ratings apply for zero or negative gate voltage. Devices should not be tested for
blocking capability in a manner such that the voltage supplied exceeds the rated blocking voltage.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak forward blocking current
(Rated VDRM @ TJ = 125°C)
IDRM
-
-
3.0
mA
Peak reverse blocking current
(Rated VRRM @ TJ = 125°C)
IRRM
-
-
3.0
mA
Peak on-state voltage(2)
(ITM = 10A peak)
(ITM = 16A peak)
VTM
-
-
-
-
3.0
4.0
Volts
Gate trigger current (continuous dc)
(VD = 7.0V, RL = 100Ω)
IGT
-
-
50
mA
Gate trigger voltage (continuous dc)
(VD = 7.0V, RL = 100Ω)
VGT
-
-
2.5
Volts
Holding current
(VD = 7.0V, RL = 100Ω)
IH
-
-
100
mA
Turn-off time (VDRM = rated voltage)
(ITM = 5.0A, di/dt = 5.0A/µs, reapplied dv/dt = 50V/µs)
MCR2080
MCR2080A
tq
-
-
-
-
10
6.0
µs
Forward voltage application rate
dv/dt
100
150
-
V/µs
Note 2: Pulse test: pulse width = 1.0ms, duty cycle ≤ 2%.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130128


Similar Part No. - MCR2080-8

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR201 DIGITRON-MCR201 Datasheet
898Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR201 NJSEMI-MCR201 Datasheet
98Kb / 2P
   SIGNAL THYRISTORS
logo
Motorola, Inc
MCR202 MOTOROLA-MCR202 Datasheet
126Kb / 3P
   SILICON CONTROLLDE RECTIFIERS REVERSE BLOCKING TRIODE THYRISTORS
logo
Digitron Semiconductors
MCR202 DIGITRON-MCR202 Datasheet
898Kb / 4P
   SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
MCR202 NJSEMI-MCR202 Datasheet
98Kb / 2P
   SIGNAL THYRISTORS
More results

Similar Description - MCR2080-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com