Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR265 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MCR265
Description  THYRISTORS SCRs/55 Amps/50-800 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR265 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MCR265 Datasheet HTML 1Page - Digitron Semiconductors MCR265 Datasheet HTML 2Page - Digitron Semiconductors MCR265 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MCR265 SERIES
THYRISTORS
SCRs/55 Amps/50-800 Volts
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (T
J=25°C unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
Peak Reverse Blocking Voltage (1)
MCR265-2
MCR265-4
MCR265-6
MCR265-8
MCR265-10
VRRM
50
200
400
600
800
Volts
Forward Current (TC=70°C)
(All Conduction Angles)
IT(RMS)
IT(AV)
55
35
Amps
Peak Non-repetitive Surge Current – 8.3 ms
(1/2 Cycle, Sine Wave)
ITSM
550
Amps
Forward Peak Gate Power
PGM
20
Watts
Forward Average Gate Power
PG(AV)
0.5
Watt
Forward Peak Gate Current
(300μs, 120 PPS)
lGM
2.0
Amps
Operating Junction Temperature Range
TJ
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +150
°C
1. VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative voltage, however, positive gate voltage shall not be applied concurrent with negative
potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
These devices are rated for use in applications subject to high surge conditions. Care must be taken to ensure proper heat sinking when the device is to be used at high sustained
currents.
THERMAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX
UNIT
Thermal Resistance, Junction to Case
RθJC
0.9
°C/W
Thermal Resistance, Junction to Ambient
RθJA
60
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Peak Forward Blocking Voltage (TJ = 125°C)
MCR265-2
MCR265-4
MCR265-6
MCR265-8
MCR265-10
VDRM
50
200
400
600
800
-
-
-
-
-
-
-
-
-
-
Volts
Peak forward blocking current
(rated VDRM @ TJ = 125°C)
IDRM
-
-
2.0
mA
Peak reverse blocking current
(rated VRRM @ TJ = 125°C)
IRRM
-
-
2.0
mA
Forward “on” voltage(1)
(ITM = 110A)
VTM
-
1.5
1.9
Volts
Gate trigger current (continuous dc)
(Anode voltage = 12Vdc, RL = 100ohms)
(TC = -40°C)
IGT
-
-
20
40
50
90
mA
Gate trigger voltage (continuous dc)
(Anode voltage = 12Vdc, RL = 100ohms)
VGT
-
1.0
1.5
Volts
Gate non-trigger voltage
(Anode voltage = rated VDRM, RL = 100ohms, TJ = 125°C)
VGD
0.2
-
-
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - MCR265

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR265-10 MOTOROLA-MCR265-10 Datasheet
90Kb / 4P
   Thyristors
logo
New Jersey Semi-Conduct...
MCR265-10 NJSEMI-MCR265-10 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR265-10 ONSEMI-MCR265-10 Datasheet
162Kb / 5P
   Silicon Controlled Rectifiers
August, 2006 ??Rev. 3
logo
Motorola, Inc
MCR265-2 MOTOROLA-MCR265-2 Datasheet
90Kb / 4P
   Thyristors
logo
New Jersey Semi-Conduct...
MCR265-2 NJSEMI-MCR265-2 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
More results

Similar Description - MCR265

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
New Jersey Semi-Conduct...
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6400 ONSEMI-2N6400_04 Datasheet
77Kb / 6P
   Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
December, 2004 ??Rev. 3
2N6400 ONSEMI-2N6400_12 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Sirectifier Semiconduct...
STYN208 SIRECTIFIER-STYN208 Datasheet
202Kb / 2P
   Discrete Thyristors(SCRs)
STYN230 SIRECTIFIER-STYN230 Datasheet
108Kb / 2P
   Discrete Thyristors(SCRs)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com