Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 154B
Description  D.C. Filter (153-159 Series)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

154B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  154B Datasheet HTML 1Page - List of Unclassifed Manufacturers 154B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
46
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
OPEN BRACKET
D.C. FILTER CHOKES
Economical "open bracket" - channel mount.
Tolerance of 15% on both inductance &
resistance.
Inductances measured at rated D.C. current.
Minimum 5" long leads.
Units will exhibit less inductance at slightly
higher currents or more at lower currents.
Perfect for high voltage power supply
filtering.
D.C. Filter (153-159 Series)
Part
No.
Inductance
Henrys
D.C.
Current
(ma.)
Resistance
(Ohms)
Max. Oper.
Volts
(D.C.)
Wt.
Lbs.
Dim.
Ref.
153E
7
25
770
300
.10
C1H
153H
2.2
50
305
300
.10
C1H
153L
0.9
75
125
300
.10
C1H
153M
0.6
100
86
300
.10
C1H
154E
20
20
1666
300
.25
C2H
154G
9
40
700
300
.25
C2H
154H
4
50
300
300
.25
C2H
154M
2
100
175
300
.25
C2H
155C
60
8
2750
400
.30
C4H
155G
7
40
340
400
.30
C4H
155H
5
50
270
400
.30
C4H
155J
15
30
1026
400
.30
C4H
156C
150
8
3700
400
.50
C6H
156G
9
40
300
400
.50
C6H
156L
5
75
135
400
.50
C6H
156M
3
100
86
400
.50
C6H
156R
1.5
200
56
400
.50
C6H
157G
30
40
595
400
1.0
C9H
157J
10
65
205
400
1.0
C9H
157L
14
75
429
400
1.0
C9H
157M
8
100
259
400
1.0
C9H
157Q
3.5
150
98
400
1.0
C9H
157R
2
200
57
400
1.0
C9H
158L
15
75
411
400
1.25
C10H
158M
10
100
262
400
1.25
C10H
158Q
5
150
105
400
1.25
C10H
158S
1.5
250
60
400
1.50
C10H
158T
1
300
40
400
1.50
C10H
159M
15
100
256
500
2.25
C14H
159P
10
125
155
500
2.25
C14H
159Q
7
150
100
500
2.25
C14H
159S
4
225
65
500
2.25
C14H
159T
2.5
300
43
500
2.25
C14H
159V
1.5
500
27
500
2.25
C14H
159Y
0.6
750
11
500
2.25
C14H
154B
3mH
1.5A
0.14
300
.25
C2H
155B
6mH
2A
0.3
400
.30
C4H
156B
1.5mH
5A
0.07
400
.50
C6H
157D
1mH
10A
0.038
400
1.0
C9H
159ZA
300mH
1A
6.0
500
2.50
C14H
159ZC
60mH
2A
0.7
500
2.50
C14H
159ZE
28mH
3A
0.43
500
2.75
C14H
159ZG
15mH
4A
0.25
500
2.75
C14H
159ZJ
10mH
5A
0.16
500
2.75
C14H
159ZL
2.5mH
10A
0.044
500
2.75
C14H
Dimension Table
Mtg.
Style
Dimensions (Inches)
A
B
C
D
Mtg.
Hole
C1H
1.63
0.88
0.81
1.38
0.125
C2H
2.06
1.25
1.19
1.75
0.187
C4H
2.38
1.38
1.38
2.00
0.187
C6H
2.81
1.50
1.69
2.38
0.187
C9H
3.25
1.75
2.00
2.81
0.187
C10H
3.25
2.00
2.00
2.81
0.187
C14H
4.03
2.25
2.63
3.56
0.187


Similar Part No. - 154B

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
154B HAMMOND-154B Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
   316L Stainless Steel or Titanium
More results

Similar Description - 154B

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
153-SERIES EDAC-153-SERIES Datasheet
180Kb / 1P
   153 Series Socket Headers
logo
Adels-Contact
412602 ADELS-412602 Datasheet
134Kb / 1P
   153/ 2
logo
OSA Opto Light GmbH
OLS-153SD OSA-OLS-153SD Datasheet
133Kb / 5P
   Series 153 - 1206 - Bipolar bicolor
logo
Adels-Contact
412702 ADELS-412702 Datasheet
134Kb / 1P
   153/ 2 DS
logo
Amphenol Corporation
31-17 AMPHENOL-31-17 Datasheet
82Kb / 1P
   CW-159/U SHORTING PLUG
logo
Adels-Contact
412662 ADELS-412662 Datasheet
134Kb / 1P
   153/ 2 MS
logo
OSA Opto Light GmbH
OLS-159Y OSA-OLS-159Y Datasheet
131Kb / 5P
   Series 159 - 1206 - Bipolar bicolor low current
logo
Littelfuse
MINI153-PC LITTELFUSE-MINI153-PC Datasheet
199Kb / 1P
   MINI짰 153-PC SERIES FUSE HOLDER
2021
logo
Hammond Manufacturing L...
158T HAMMOND-158T Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
159Y HAMMOND-159Y Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com