Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187-012 Datasheet(PDF) 1 Page - Altech corporation

Part # 187-012
Description  TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

187-012 Datasheet(HTML) 1 Page - Altech corporation

  187-012 Datasheet HTML 1Page - Altech corporation 187-012 Datasheet HTML 2Page - Altech corporation 187-012 Datasheet HTML 3Page - Altech corporation 187-012 Datasheet HTML 4Page - Altech corporation 187-012 Datasheet HTML 5Page - Altech corporation 187-012 Datasheet HTML 6Page - Altech corporation 187-012 Datasheet HTML 7Page - Altech corporation 187-012 Datasheet HTML 8Page - Altech corporation 187-012 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Featuring  an  attractive,  high-gloss  finish,  the
TG enclosure series is manufactured from high-
quality  plastics,  with  a  choice  of  ABS  or
Polycarbonate  for  unsurpassed  industrial
quality. These high quality materials are impact
and  flame  resistant  as  well  as  being  halogen
free. Rated to protection class IP 67, they are
not  only  dustproof  but  also  reliably  protect
installed  electrical  or  electronic  equipment
against  ingress  of  water  during  short-term
submersion.  The  TG  series  therefore  satisfies
the most demanding applications and provides
sure protection in harsh industrial environments
even for highly sensitive electronics.
TG Series
16 sizes available
IP67 (NEMA TYPE 4X)
ABS or Polycarbonate
Gray or tinted transparent covers
Smooth Sidewalls
Stainless Steel cover screws
(choice of standard screws or 1/4 turn quick 
release screws)
Integral cover retainers
Integral mounting studs in base
Recessed cover for label inlays or
membrane keypads
Flame resistant and halogen free
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
42


Similar Part No. - 187-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017110MM GLENAIR-187-017110MM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017110SM GLENAIR-187-017110SM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017220MM GLENAIR-187-017220MM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017220SM GLENAIR-187-017220SM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
More results

Similar Description - 187-012

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
   Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
ORION FANS
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
   AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
   5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
MBE1000 BEL-MBE1000 Datasheet
711Kb / 8P
   Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
ABE1000 BEL-ABE1000 Datasheet
771Kb / 8P
   Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
   14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
   5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Bi technologies
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com