Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187-013 Datasheet(PDF) 6 Page - Altech corporation

Part # 187-013
Description  TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

187-013 Datasheet(HTML) 6 Page - Altech corporation

Back Button 187-013 Datasheet HTML 2Page - Altech corporation 187-013 Datasheet HTML 3Page - Altech corporation 187-013 Datasheet HTML 4Page - Altech corporation 187-013 Datasheet HTML 5Page - Altech corporation 187-013 Datasheet HTML 6Page - Altech corporation 187-013 Datasheet HTML 7Page - Altech corporation 187-013 Datasheet HTML 8Page - Altech corporation 187-013 Datasheet HTML 9Page - Altech corporation 187-013 Datasheet HTML 10Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
47
TG1208-9 – ABS and Polycarbonate – 122 x 82 x 85 mm (4.80 x 3.23 x 3.35 in.)
Standard Features
Protection Level:
IP67 (NEMA 4X)
Technical:
Smooth Sidewalls
Gray or Tinted Transparent Cover
Standard or Quick Turn Screws
98 x 58 x 0.4 mm Recess in Cover
Integrated Cover Retainer
UL Recognized
Enclosure Materials:
ABS or Polycarbonate
Transparent Cover
Material:
Polycarbonate
Gasket Material:
Polyurethane
Color:
Light Gray
Material
Temperature Range:
ABS
-40˚C to 80˚C (-40˚F to 176˚F)
Polycarbonate
-40˚C to 120˚C (-40˚F to 248˚F)
Accessories:
See section below
TG
Ordering
Cat. No.
Cat. No.
Dimensions mm (in)
Std.
Information
w/ Standard Screws
w/ Quick Turn Screws
Type
Length
Width
Height
Pk.
ABS
Gray cover
100-904-91
100-904-01
TGABS1208-9-o
122 mm (4.80 in.)
82 mm (3.23 in.)
85 mm (3.35 in.)
1
Transparent cover
101-504-91
101-504-01
TGABS1208-9-to
122 mm (4.80 in.)
82 mm (3.23 in.)
85 mm (3.35 in.)
1
Polycarbonate
Gray cover
200-904-91
200-904-01
TGPC1208-9-o
122 mm (4.80 in.)
82 mm (3.23 in.)
85 mm (3.35 in.)
1
Transparent cover
201-504-91
201-504-01
TGPC1208-9-to
122 mm (4.80 in.)
82 mm (3.23 in.)
85 mm (3.35 in.)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate (plastic)
186-004
TGMPI-1208
1
Mounting Plate (steel)
187-004
TGMPS-1208
1
DIN Rail – TS35-106
198-107
NS35-106/2
1
DIN Rail - TS15-106
197-107
TS15-106/2
1
Mounting Tab Kit
182-002
TGABL
1
Please refer to pages 136-140 additional accessories and detailed information
E208470
Polycarbonate with
standard screws Only


Similar Part No. - 187-013

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017110MM GLENAIR-187-017110MM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017110SM GLENAIR-187-017110SM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017220MM GLENAIR-187-017220MM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-017220SM GLENAIR-187-017220SM Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
More results

Similar Description - 187-013

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
   Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
ORION FANS
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
   AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
   5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
MBE1000 BEL-MBE1000 Datasheet
711Kb / 8P
   Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
ABE1000 BEL-ABE1000 Datasheet
771Kb / 8P
   Form Factor 5 x 9.51 x 1.61 in (127 x 241.5 x 41 mm)
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
   14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Eaton All Rights Reserv...
HHT EATON-HHT Datasheet
473Kb / 1P
   5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Bi technologies
SWTW BITECH-SWTW Datasheet
232Kb / 6P
   Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com