Electronic Components Datasheet Search |
|
UCV676AL-TN4-T Datasheet(PDF) 5 Page - Unisonic Technologies |
|
UCV676AL-TN4-T Datasheet(HTML) 5 Page - Unisonic Technologies |
5 / 9 page UCV676/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 9 www.unisonic.com.tw QW-R102-051. B ELECTRICAL CHARACTERISTICS(Cont.) For UCV676/A-3.3 PARAMETER SYMBOL TEST CONDITIONS UCV676 UCV676A UNIT MIN TYP MAX MIN TYP MAX OUTPUT Output Voltage VOUT 5.0mA<IOUT<400mA, 4.5V<VIN<28V 3.168 3.3 3.432 3.234 3.3 3.366 V 5.0mA<IOUT<200mA, 4.5V<VIN<40V 3.168 3.3 3.432 3.234 3.3 3.366 V Output Current Limitation IOUT VOUT=90% VOUT(TYP) 400 700 1100 400 700 1100 mA Quiescent Current (Sleep Mode) Iq Iq=II-IOUT, VINH=0V - - 10 - - 10 μA Quiescent Current Iq Iq=II - IOUT IOUT=1.0mA - 130 220 - 130 200 μA IOUT=250mA - 10 15 - 10 15 mA IOUT=400mA - 25 35 - 25 35 mA Dropout Voltage VDR VIN=4.5V, IOUT=250mA, VDR=VIN-VOUT - - 1.332 - - - V Load Regulation ΔVOUT IOUT= 5.0mA~400mA - 10 35 - 3.0 20 mV Line Regulation ΔVOUT ΔVIN=12V~32V, IOUT=5.0mA - 2.5 25 - 4.0 15 mV Power Supply Ripple Rejection PSRR fr=100Hz, Vr= 0.5VPP - 60 - - 70 - dB Temperature coefficient of VOUT ΔVOUT/ΔT - 0.5 - - 0.5 - mV/K INHIBIT Inhibit Voltage, Output High VINH VOUT ≥VOUT(MIN) - 2.8 3.5 - 2.3 2.8 V Inhibit Voltage, Output Low (Off) VINH VOUT ≤0.1V 0.5 1.7 - 1.8 2.2 - V Input Current IINH VINH=5.0V 5.0 10 20 5.0 10 20 μA THERMAL SHUTDOWN Thermal Shutdown Temperature (Note 2) TSD IOUT=5.0mA 150 - 210 150 - 210 °C |
Similar Part No. - UCV676AL-TN4-T |
|
Similar Description - UCV676AL-TN4-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |