Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5569381-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5569381-1
Description  Stacked Modular Jacks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5569381-1 Datasheet(HTML) 1 Page - Tyco Electronics

  5569381-1 Datasheet HTML 1Page - Tyco Electronics 5569381-1 Datasheet HTML 2Page - Tyco Electronics 5569381-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
19
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Stacked Modular Jacks
Modular Jacks and MRJ21 Product
Specifications
Electrical
Current Rating — 1.5 amp max. @
25°C
Voltage Rating — 150 VAC max.
Dielectric Withstanding Voltage —
1000 VAC
Insulation Resistance —
500 megaohms min.
Shielding Effectiveness —
20dB min., 10 to 200 MHz
Mechanical
Durability — 750 mating cycles
Mating/Unmating Forces —
5 lbs. max.
Operating Temperature — -40°C to
70°C
Material and Finish
Housing — High temperature Nylon,
black UL 94V-0 rated, IR reflow
compatible
Contact — .013 [0.33] Phosphor
bronze; plated .000050 [0.00127] gold
in localized area and .000150 [0.00381]
tin-lead on solder tails, over .000050
[0.00127] nickel underplate
Shield — .010 [0.25] copper alloy
tin-lead plated
Product Facts
Performance exceeds Near
End Crosstalk (NEXT)
requirements of -40dB on all
pair combinations at 100
MHz per EIA/TIA 568A
All Stacked Jacks have
Category 5 performance.
Meets or exceeds FCC Part
68 rules and regulations
with standard pc board foot-
prints
Low profile and narrow
width allow more ports to be
packed into less space
Unshielded and shielded
versions in popular size
configurations
Positive connection through-
out life of equipment with
insert molded contacts
Accurately positioned solder
tails reduce assembly labor
while selectively deposited
gold plating results in lower
cost
Center mounting leg stan-
dard on 8 port shielded and
unshielded versions
Available with two ground-
ing paths; pc board & panel
Listed by Underwriters
Laboratories Inc.,
File No. E81956
Certified by Canadian
Standards Association,
File No. LR 7189A
Produced under a Quality
Management System
Certified to ISO 9001
A copy of the
certificate is available
upon request
R
R
Technical Documents
Application Specifications
114-02048
Product Specifications
108-1163-2


Similar Part No. - 5569381-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5569-02A1 MOLEX3-5569-02A1 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
5569-02A1 MOLEX11-5569-02A1 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
5569-02A1-210 MOLEX3-5569-02A1-210 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits
5569-02A1-210 MOLEX11-5569-02A1-210 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
5569-02A2 MOLEX3-5569-02A2 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results

Similar Description - 5569381-1

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
Adam Technologies, Inc.
MTJG-16-88JX1-FSG-PG-C5 ADAM-TECH-MTJG-16-88JX1-FSG-PG-C5 Datasheet
122Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
MTJG-16-88JX1-FSG-PG ADAM-TECH-MTJG-16-88JX1-FSG-PG Datasheet
125Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED SIDE ENTRY JACK
MTJG-8-88CX1-S ADAM-TECH-MTJG-8-88CX1-S Datasheet
127Kb / 1P
   MODULAR TELEPHONE JACKS STACKED TOP ENTRY JACK-TYPE C
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com