Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5177984-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 5177984-4
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5177984-4 Datasheet(HTML) 3 Page - Tyco Electronics

  5177984-4 Datasheet HTML 1Page - Tyco Electronics 5177984-4 Datasheet HTML 2Page - Tyco Electronics 5177984-4 Datasheet HTML 3Page - Tyco Electronics 5177984-4 Datasheet HTML 4Page - Tyco Electronics 5177984-4 Datasheet HTML 5Page - Tyco Electronics 5177984-4 Datasheet HTML 6Page - Tyco Electronics 5177984-4 Datasheet HTML 7Page - Tyco Electronics 5177984-4 Datasheet HTML 8Page - Tyco Electronics 5177984-4 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
72
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.8mm Free Height (FH) Connectors (Continued)
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
(Page 74)
(Page 75)
(Page 76)
(Page 77)
Notes: For specific dash nos. of sizes 40 to 200 positions (in 20-position increments), see pages 73 thru 81.
Part Numbers are RoHS compliant.
5 [.197] Stacking Height
6 [.236] Stacking Height
7 [.276] Stacking Height
8 [.315] Stacking Height
Part No.: 5177984-
Part No.: 5179029-
Part No.: 5179030-
Part No.: 5179031-
(Page 78)
(Page 78)
(Page 78)
(Page 78)
Part No.: 5177983-
Part No.: 5177983-
Part No.: 5177983-
Part No.: 5177983-
(Page 74)
(Page 75)
(Page 76)
(Page 77)
Part No.: 5177984-
Part No.: 5179029-
Part No.: 5179030-
Part No.: 5179031-
(Page 79)
(Page 79)
(Page 79)
(Page 79)
Part No.: 5-5179009-
Part No.: 5-5179009-
Part No.: 5-5179009-
Part No.: 5-5179009-
(Page 74)
(Page 75)
(Page 76)
(Page 77)
Part No.: 5177984-
Part No.: 5179029-
Part No.: 5179030-
Part No.: 5179031-
(Page 80)
(Page 80)
(Page 80)
(Page 80)
Part No.: 5-5179010-
Part No.: 5-5179010-
Part No.: 5-5179010-
Part No.: 5-5179010-
9 [.354] Stacking Height
10 [.394] Stacking Height
11 [.433] Stacking Height
12 [.472] Stacking Height
13 [.512] Stacking Height
14 [.551] Stacking Height
15 [.591] Stacking Height
16 [.630] Stacking Height
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Plug
Receptacle
Board-to-Board Stacking Heights (By Plug/Receptacle Combinations)


Similar Part No. - 5177984-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177984-1 MACOM-5177984-1 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-2 MACOM-5177984-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-3 MACOM-5177984-3 Datasheet
77Kb / 2P
   PLUG ASSEMBLY 5H TYPE (0.5 BOSS LENGTH) FOR FH 0.8mm PITCH B-T-B CONNECTOR
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-8 MACOM-5177984-8 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
More results

Similar Description - 5177984-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com