Electronic Components Datasheet Search |
|
10409 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
10409 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page Toll Free: (800) 494-6104 Wiha Quality Tools Germany 96 Wiha Adapter Blades SYSTEM 6 Longer Length Magnetic Adapter Blade for 1/4 ” Bits. Shaft CVM steel, hardened, corrosion protected. Bits retainer made from stainless steel. Item No. Size mm mm lbs. pkg. Each 780 20 1/4 " 170 6.0 .14 1 $6.64 SYSTEM 6 Magnetic Adapter Blade for 1/4 ” Bits. Shaft CVM steel, hardened, corrosion protected. Bits retainer made from stainless steel. Item No. Size mm mm lbs. pkg. Each 109 10 1/4 " 140 6.0 .12 1 $6.22 109 10 Extension Blade for SYS 6 Blades Shaft CVM steel, hardened, corrosion protected. Ball retainer blade extension. Allows you to extend all SYSTEM 6 blades an additional 100mm. Item No. Size mm mm lbs. pkg. Each 109 00 6.0 140 6.0 .13 1 $6.98 109 00 SYSTEM 6 Adapter Blade for 1/4 ” Drive Sockets. Shaft chrome-vanadium- molybdenum steel, hardened, chrome-plated, square drive with ball retainer. Item No. Size mm mm lbs. pkg. Each 109 20 1/4 " 132 6.0 .13 1 $6.68 109 20 780 20 SYSTEM 6 Slotted Interchangeable Blade, high alloy CVM steel, hardened, corrosion protected. Slotted on 6mm SYSTEM 6 Hex. Blade length 140mm/5.5” Item No. mm lbs. pkg. Each 100 00 3.0 .10 1 $4.92 100 03 4.0 .10 1 $4.92 100 06 4.5 .10 1 $4.92 100 09 5.0 .10 1 $4.92 100 12 6.0 .10 1 $4.92 100 15 6.5 .10 1 $4.92 100 18 8.0 .10 1 $4.92 100 SYSTEM 6 Phillips Interchangeable Blade, high alloy CVM steel, hardened, corrosion protected. Phillips on 6mm SYSTEM 6 Hex. Blade length 140mm/5.5” Item No. Size lbs pkg. Each 101 00 0 .10 1 $4.92 101 03 1 .10 1 $4.92 101 06 2 .10 1 $4.92 101 09 3 .10 1 $4.92 101 SYSTEM 6 Hex Inch Interchangeable Blade, high alloy CVM steel, hardened, corrosion protected. Hex Inch on 6mm SYSTEM 6 Hex. Blade length 140mm/5.5” Item No. Inch lbs pkg. Each 103 00 3/32 .10 1 $4.92 103 03 7/64 .10 1 $4.92 103 06 1/8 .10 1 $4.92 103 09 9/64 .10 1 $4.92 103 12 5/32 .10 1 $4.92 103 15 3/16 .10 1 $4.92 103 18 7/32 .10 1 $4.92 103 SYS 6 Hex Metric Interchangeable Blade, high alloy CVM steel, hardened, corrosion protected. Hex Inch on 6mm SYSTEM 6 Hex. Blade length 140mm/5.5” Item No. mm lbs pkg. Each 104 00 2.5 .10 1 $4.92 104 03 3.0 .10 1 $4.92 104 06 4.0 .10 1 $4.92 104 09 5.0 .10 1 $4.92 104 12 6.0 .10 1 $4.92 104 SYSTEM 6 Interchangeable Blade, high alloy CVM tool steel, hardened, corrosion protected. on 6mm SYS 6 Hex. Blade length 140mm/5.5” Item No. Size lbs. pkg. Each 107 00 T8 .10 1 $5.02 107 03 T9 .10 1 $5.02 107 06 T10 .10 1 $5.02 107 09 T15 .10 1 $5.02 107 12 T20 .10 1 $5.02 107 15 T25 .10 1 $5.02 107 18 T27 .10 1 $5.02 107 21 T30 .10 1 $5.02 107 24 T40 .11 1 $5.02 107 These blades can also be used in Topra Ratchet handle 481 90 SYSTEM 6 Slotted & Phillips Interchangeable Blade Set, 7 Pcs. in Durable Pouch. Set includes Magnetizer/Demagnetizer handle & 6 interchangeable blades. Item No. 481 90 lbs. .75 Each $39.82 Slotted: 3.0, 4.5, 6.0mm Phillips: 0, 1, 2 Wiha Magnetizer/Demagnetizer Handle Magnetize & Demagnetize Magnetize & Demagnetize Wiha SYSTEM 6 Blades To Magnetize To Demagnetize See Nut Drivers On Page 78 See Reversible Blades On Page 77 |
Similar Part No. - 10409 |
|
Similar Description - 10409 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |