Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEU02G64B3BH2MT-25R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SEU02G64B3BH2MT-25R
Description  2GB DDR2 ??SDRAM DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEU02G64B3BH2MT-25R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SEU02G64B3BH2MT-25R Datasheet HTML 4Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 5Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 6Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 7Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 8Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 9Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 10Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 11Page - List of Unclassifed Manufacturers SEU02G64B3BH2MT-25R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
Rev.1.2
02.12.2010
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 0303
www.swissbit.com
Page 8
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 0315
eMail: info@swissbit.com
of 14
Parameter
& Test Condition
Symbol
Max.
Unit
6400-666
5300-555
OPERATING WRITE CURRENT*) :
All device banks open, Continuous burst writes; One
module rank active; BL = 4, CL = CL (IDD), AL = 0;
tCK = tCK (IDD), tRAS = tRAS MAX (IDD), tRP = tRP (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are changing once every two
clock cycles; DQ inputs changing once per clock cycle
IDD4W
1336
1136
mA
BURST REFRESH CURRENT:
tCK = tCK (IDD); refresh command at every tRFC (IDD)
interval, CKE is HIGH, CS# is HIGH between valid
commands; All other Control and Address bus inputs
are changing once every two clock cycles; DQ inputs
changing once per clock cycle
IDD5
3760
3440
mA
SELF REFRESH CURRENT:
CK and CK# at 0V; CKE ≤ 0.2V; All other Control and
Address bus inputs are floating at VREF; DQ’s are
floating at VREF
IDD6
112
112
mA
OPERATING CURRENT*) :
Four device bank interleaving READs,
IOUT = 0mA; BL = 4,
CL = CL (IDD), AL = tRCD (IDD) – 1 x tCK (IDD); tCK = tCK
(IDD), tRC = tRC (IDD), tRRD = tRRD (IDD), tRCD = tRCD (IDD);
CKE is HIGH, CS# is HIGH between valid commands;
Address bus inputs are not changing during
DESELECT; DQ inputs changing once per clock cycle
IDD7
2736
2296
mA
*) Value calculated as one module rank in this operating condition, and all other module ranks in IDD2P
(CKE LOW) mode.
TIMING VALUES USED FOR IDD MEASUREMENT
IDD MEASUREMENT CONDITIONS
SYMBOL
6400-666
5300-555
Unit
CL (IDD)
6
5
tCK
tRCD (IDD)
15
15
ns
tRC (IDD)
60
60
ns
tRRD (IDD)
7.5
7.5
ns
tCK (IDD)
2.5
3.0
ns
tRAS MIN (IDD)
45
45
ns
tRAS MAX (IDD)
70’000
70
’000
ns
tRP (IDD)
15
15
ns
tRFC (IDD)
127.5
127.5
ns


Similar Part No. - SEU02G64B3BH2MT-25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BF2SA-30R ETC2-SEU02G64B3BF2SA-30R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
More results

Similar Description - SEU02G64B3BH2MT-25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
   2GB DDR2 . SDRAM SO-DIMM
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21UE8ACUA ELPIDA-EBE21UE8ACUA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com