Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSA016GQ1BJ8TO-C-DT-226 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SFSA016GQ1BJ8TO-C-DT-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA016GQ1BJ8TO-C-DT-226 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSA016GQ1BJ8TO-C-DT-226 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 6 of 53
4 Product Specification
The Solid State Drive (SSD) is a small form factor (2.5’’) non-volatile memory drive which provides high capacity
data storage. It has a standard combined connector with SATA and power/control part. The SSD works at a supply
voltage of 5V.
The drive with the SATA interface operates in Mode 2.0 (1.5 or 3.0 Gb/s burst).
The drive has an internal intelligent controller that manages interface protocols, data storage and retrieval as
well as hardware BCH-code Error Correction Code (ECC), defect handling, diagnostics and clock control.
The wear leveling mechanism assures an equal usage of the Flash memory cells to extend the life time.
The hardware BCH-code ECC allows to detect and correct up to 40 random bits per 1024 data bytes.
The SSD has Early Weak Block Retirement Detection and data shaping for higher data reliability.
The drive has a voltage detector and a powerful power-loss management feature to prevent data corruption
after power-down.
The SSD has hardware and software write protection, and hardware and software security erase function with
different military erase algorithms.
The specification has been realized and approved by the ATA/ATAPI-8 specification.
The system highlights are shown in Table 4 …Table 12.
Related Documentation
Serial Transport Protocols and Physical Interconnect (ATA/ATAPI-8)
AT Attachment Interface Document, American National Standards Institute, X3.221-1994
4.1 Physical description
The SSD contains a flash controller and Flash memory modules. The controller interfaces with a host system
allowing data to be written to and read from the Flash memory modules.
The SSD is offered in a 2.5’’ size package with a standard SATA connector.
The SSD has 4 screw holes at the side and 4 at the bottom side.
Figure 5 and Figure 6 (page 45) show SSD dimensions and connector location.


Similar Part No. - SFSA016GQ1BJ8TO-C-DT-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA016GQ1BJ8TO-C-DT-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com