Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSA512GQ1BJATO-C-NC-226 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SFSA512GQ1BJATO-C-NC-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA512GQ1BJATO-C-NC-226 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFSA512GQ1BJATO-C-NC-226 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 10 of 53
5 Electrical interface
5.1 SATA and Power connector description
The SSD is connected with a standard 7 pin SATA connector and a standard 15 pin SATA power connector.
The signal/pin assignments and descriptions are listed in Table 13
Figure 1: SATA and power connector
The signal/pin assignments and descriptions are listed in Table 13.
Table 13: Pin Assignment, name, and description
Pin
Signal Name
Description
S1
Ground
Signal Ground
S2
A+
+ Differential Receive signal
S3
A-
- Differential Receive signal
S4
Ground
Signal Ground
S5
B-
- Differential Transmit signal
S6
B+
+ Differential Transmit signal
S7
Ground
Signal Ground
P1…P3
3.3V
3.3V power (not used, optional on request)
P4…P6
Ground
Power Ground
P7…P9
5V
5V power
P10
Ground
Power Ground
P11
Device activity
Device activity, active low *)
P12
Ground
Power Ground
P13…P15
12V
12V power (not used)
*) driven low, no internal pull up resistor connected


Similar Part No. - SFSA512GQ1BJATO-C-NC-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA512GQ1BJATO-C-NC-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com