Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSD1024NgBW1MT-t-ME-1x1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SFSD1024NgBW1MT-t-ME-1x1
Description  Industrial MICRO SD Memory Card
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSD1024NgBW1MT-t-ME-1x1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 12Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 13Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 14Page - List of Unclassifed Manufacturers SFSD1024NgBW1MT-t-ME-1x1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.10
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
S-300u_data_sheet_SD-NxBW_Rev110
Switzerland
industrial@swissbit.com
Page
11 of 23
Figure 6: AC Characteristics Low Speed Mode
Table 16: AC Characteristics High Speed Mode
Parameter
Symbol
Min
Max
Unit
Notes
Clock frequency in data transfer mode
fPP
0
50
MHz
CL≤10pF
Clock low time
tWL
7.0
ns
Clock high time
tWH
7.0
ns
Clock rise time
tTLH
3
ns
Clock fall time
tTHL
3
ns
CMD, DAT input setup time
tISU
6
ns
CMD, DAT input hold time
tIH
2
ns
CMD, DAT output delay time during data
transfer mode
tODLY
14
ns
CMD, DAT output hold time
tOH
2.5
ns
Notes
1.
Rise and fall times are measured from 10% to 90% of voltage level.
2. CLK referenced to VIH min and VIL max.
3. CMD and DAT inputs and outputs referenced to CLK.
4. In order to satisfy severe timing, the host shall drive only one card with max 40pF total at each line.
Figure 7: AC Characteristics High Speed Mode


Similar Part No. - SFSD1024NgBW1MT-t-ME-1x1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results

Similar Description - SFSD1024NgBW1MT-t-ME-1x1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
   Micro-SD 3.0 Memory Card
logo
Panasonic Semiconductor
RP-SDF PANASONIC-RP-SDF Datasheet
126Kb / 2P
   SD MEMORY CARD, INDUSTRIAL SLC MODEL
RP-SDPC PANASONIC-RP-SDPC Datasheet
163Kb / 2P
   SD Memory Card, Industrial MLC Model
RP-SDP PANASONIC-RP-SDP Datasheet
126Kb / 2P
   SD Memory Card, Industrial MLC Model
logo
List of Unclassifed Man...
AP-MSD04GCS4P-1TM ETC2-AP-MSD04GCS4P-1TM Datasheet
514Kb / 21P
   Industrial Micro SD 3.0
logo
Advantech Co., Ltd.
SQF-MSDS1-128M-21C ADVANTECH-SQF-MSDS1-128M-21C Datasheet
439Kb / 22P
   Industrial Class 10 Micro SD Card
May. 4, 2016
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com