Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSA064GQ1BJATO-I-QT-226 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFSA064GQ1BJATO-I-QT-226
Description  Industrial SATA SSD 2.5?쇺?
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSA064GQ1BJATO-I-QT-226 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 1Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSA064GQ1BJATO-I-QT-226 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.02
Industriestrasse 4-8
CH-9552 Bronschhofen
www.swissbit.com
X-500_data_sheet_SA-QxBJ_Rev102.doc
Switzerland
industrial@swissbit.com
Page 2 of 53
X-500 Series - Industrial SATA Solid State Drive 2.5”
16GB to 512GB based on SLC NAND flash
1 Feature summary
Form factor:
o
2.5-inch SATA Solid State Drive (SSD)
o
100mm x 70mm x 9.2mm
o
7+15 pin (SATA+power) locking/latching SATA connector
Interface:
o
SATA Rev 2.6 - 3Gbit/s (1.5Gbit/s compatible)
Feature connector for
o
Quick erase and write protect input
o
Device activity and quick erase output (LED)
o
Ground pin
Optional various secure erase/sanitize/purge methods
(hardware and software triggered)
Highly-integrated memory controller
o
Max. UDMA6 supported
o
Max. PIO mode 4, MDMA2 supported
o
SLC NAND Flash
o
Hardware BCH-code ECC (up to 40 Bit correction per 2 sectors)
o
Fix drive configuration
Low-power CMOS technology
5.0V ± 10% power supply
Low Power, less than 1W (idle) / 3.5 W (operation) / 0.7W slumber average current
No mechanical noise
Wear Leveling: active wear leveling of static and dynamic data
The wear leveling assures that dynamic data as well as static data is balanced evenly across the
memory. With that the maximum write endurance of the device is guaranteed.
Mechanical robustness (MIL-STD810)
High reliability
o
Best available SLC NAND Flash technology
o
Data retention 10 years
o
StaticDataRefresh and EarlyRetirement Technologies for data refresh
o
MTBF ≥ 2,000,000 hours
o
Number of connector insertions/removals: >1,000 cycles
High performance
o
Up to 300MB/s burst transfer rate in SATA II - 3.0Gb/sec
o
Sustained Read / Write Performance: up to 240MB/s / 200MB/s
o
4KB Read / Write IOPS: up to 14500 / 7000
o
Access time <0.2ms
o
TRIM and NCQ support
Available densities
o
16GB up to 512GB (SLC)
S.M.A.R.T. with extended information
HPA, security feature set, 48bit feature set
Internal temperature sensor (current, minimum, maximum)
Operation systems: Microsoft Windows8, 7, Vista, XP (all 32/64bit), Linux, Apple MacOS X,
Embedded versions, RTOS
Firmware update possible
2 Operating Temperature ranges
o
Commercial Temperature range
0 … +70°C
o
Industrial Temperature range
-40 … +85°C
Life Cycle Management
Controlled BOM
RoHS, China-RoHS, REACH compatible, WEEE, CE, FCC compliant


Similar Part No. - SFSA064GQ1BJATO-I-QT-226

ManufacturerPart #DatasheetDescription
logo
C&K Components
SFS CK-COMPONENTS-SFS Datasheet
164Kb / 3P
   Mid-Travel, Soft Sound Tact Switch
1 Dec 20
logo
Source Photonics, Inc.
SFS-34-24T-HP-CDA SOURCE-SFS-34-24T-HP-CDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
SFS-34-24T-HP-TDA SOURCE-SFS-34-24T-HP-TDA Datasheet
329Kb / 10P
   Integrated Diplexer Transceiver
logo
NXP Semiconductors
SFS069730 PHILIPS-SFS069730 Datasheet
58Kb / 9P
   UCODE HSL
October 2003
logo
Z-Communications, Inc
SFS0792C-LF ZCOMM-SFS0792C-LF Datasheet
76Kb / 2P
   Fixed Frequency Synthesizer
More results

Similar Description - SFSA064GQ1BJATO-I-QT-226

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
   SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
   SATA 2.5 Enterprise SSD
logo
Adlink Technology Inc.
SSB016GTTC7-SBA-1A ADLINK-SSB016GTTC7-SBA-1A Datasheet
277Kb / 3P
   2.5 inch SATA SSD for Industrial Embedded Applications
logo
Advantech Co., Ltd.
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
   SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
   SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-S25-630 ADVANTECH-SQF-S25-630 Datasheet
658Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
22-Feb-2016
SQF-S25-640 ADVANTECH-SQF-S25-640 Datasheet
483Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
25-Jul-2017
SQF-S25-650 ADVANTECH-SQF-S25-650 Datasheet
367Kb / 1P
   SATA III (6.0Gb) 2.5" SSD
1-Aug-2022
logo
Greenliant systems
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
   SATA 2.5 Enterprise SSD PX Series
logo
PHOENIX CONTACT
2400032 PHOENIX-2400032 Datasheet
49Kb / 1P
   160 GB, 2.5" SATA SSD kit with tray for Designline industrial PC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com