Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSD4096NgBW1MT-t-DF-1x1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SFSD4096NgBW1MT-t-DF-1x1
Description  Industrial MICRO SD Memory Card
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSD4096NgBW1MT-t-DF-1x1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.10
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
S-300u_data_sheet_SD-NxBW_Rev110
Switzerland
industrial@swissbit.com
Page
23 of 23
4.2 Environmental Specifications
4.2.1 Recommended Operating Conditions
Table 4: MICRO SD Memory Card Recommended Operating Conditions
Parameter
min
typ
max
unit
Extended Operating Temperature
-25
25
85
°C
Industrial Operating Temperature
-40
25
85
°C
4.2.2 Recommended Storage Conditions
Table 5: MICRO SD Memory Card Recommended Storage Conditions
Parameter
min
typ
max
unit
Extended Storage Temperature
-25
25
85
°C
Industrial Operating Temperature
-40
25
100
°C
4.2.3 Humidity & ESD
Table 6: Humidity & ESD
Parameter
Operating
Non Operating
Humidity (non-condensing)
operation: 95% RH @25°C
storage: 93% RH @40°C, 500h
EMC / EMI
Non Contact Pads area:
±8 kV (air discharge)
Human body model according
to IEC61000-4-2
Contact Pads:
±4 kV, Human body model
according to IEC61000-4-2
4.2.4 Environmental Conditions
Table 7: Environmental Conditions
Parameter
Operating
Non Operating
UV light exposure
UV: 254nm, 15Ws/cm
2 according to ISO7816-1
Durability
10,000 mating cycles
Drop test
1.5m free fall
Bending / Torque
10N / 0.10Nm ±2.5° max
Mechanical Schock
1500G, 0,5ms, half sine wave ±xyz-axis, five pulses each
Non operating, JESD22B110 Condition B
Vibration
50G, 1.5mm p-p, 20..2000Hz, sweep xyz-axis,
five pulses each, Non operating
MIL-STD-883 M2007.3 Condition B
4.3 Physical Dimensions
Table 8: Physical Dimensions
Outer Physical Dimensions
Value
Unit
Length
15.0±0.1
mm
Width
11.0±0.1
Thickness
0.7 (1.0)±0.1
Weight (typ.)
0.4
g
4.4 Reliability
Table 9: Reliability
Parameter
Value
Data Retention @ 25°C
10 years (JEDEC47G)
5 Capacity specification
Table 10: MICRO SD Memory Card capacity specification
Capacity
Sectors
Total addressable capacity (Byte)
1GB
2'001'920
1'024'983'040
2GB
4’016’128
2’056’257’536
4GB
8’042’496
4’117’757’952
8GB
16’136’192
8’261’730’304


Similar Part No. - SFSD4096NgBW1MT-t-DF-1x1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results

Similar Description - SFSD4096NgBW1MT-t-DF-1x1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
   Micro-SD 3.0 Memory Card
logo
Panasonic Semiconductor
RP-SDF PANASONIC-RP-SDF Datasheet
126Kb / 2P
   SD MEMORY CARD, INDUSTRIAL SLC MODEL
RP-SDPC PANASONIC-RP-SDPC Datasheet
163Kb / 2P
   SD Memory Card, Industrial MLC Model
RP-SDP PANASONIC-RP-SDP Datasheet
126Kb / 2P
   SD Memory Card, Industrial MLC Model
logo
List of Unclassifed Man...
AP-MSD04GCS4P-1TM ETC2-AP-MSD04GCS4P-1TM Datasheet
514Kb / 21P
   Industrial Micro SD 3.0
logo
Advantech Co., Ltd.
SQF-MSDS1-128M-21C ADVANTECH-SQF-MSDS1-128M-21C Datasheet
439Kb / 22P
   Industrial Class 10 Micro SD Card
May. 4, 2016
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com