Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSD4096NgBW1MT-t-DF-1x1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFSD4096NgBW1MT-t-DF-1x1
Description  Industrial MICRO SD Memory Card
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFSD4096NgBW1MT-t-DF-1x1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFSD4096NgBW1MT-t-DF-1x1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Swissbit AG
Swissbit reserves the right to change products or specifications without notice.
Revision: 1.10
Industriestrasse 4
CH-9552 Bronschhofen
www.swissbit.com
S-300u_data_sheet_SD-NxBW_Rev110
Switzerland
industrial@swissbit.com
Page
23 of 23
6 Card physical
6.1 Physical description
The MICRO SD Memory Card contains a single chip controller and Flash memory module(s). The controller interfaces
with a host system allowing data to be written to and read from the Flash memory module(s).
Figure 1 and Figure 2 show card dimensions.
Figure 1: Mechanical Dimensions MICRO SD
Memory Card (side and top, simplified)
Figure 2: Mechanical Dimensions MICRO SD
Memory Card (bottom side with connector)
Gold pads thickness: 0.8µm / 30µinch


Similar Part No. - SFSD4096NgBW1MT-t-DF-1x1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results

Similar Description - SFSD4096NgBW1MT-t-DF-1x1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
   Micro-SD 3.0 Memory Card
logo
Panasonic Semiconductor
RP-SDF PANASONIC-RP-SDF Datasheet
126Kb / 2P
   SD MEMORY CARD, INDUSTRIAL SLC MODEL
RP-SDPC PANASONIC-RP-SDPC Datasheet
163Kb / 2P
   SD Memory Card, Industrial MLC Model
RP-SDP PANASONIC-RP-SDP Datasheet
126Kb / 2P
   SD Memory Card, Industrial MLC Model
logo
List of Unclassifed Man...
AP-MSD04GCS4P-1TM ETC2-AP-MSD04GCS4P-1TM Datasheet
514Kb / 21P
   Industrial Micro SD 3.0
logo
Advantech Co., Ltd.
SQF-MSDS1-128M-21C ADVANTECH-SQF-MSDS1-128M-21C Datasheet
439Kb / 22P
   Industrial Class 10 Micro SD Card
May. 4, 2016
SQF-ISD ADVANTECH-SQF-ISD Datasheet
269Kb / 1P
   Industrial SD Card
15-Jan-2014
logo
Hirose Electric
DM1AA-SF-PEJ HIROSE-DM1AA-SF-PEJ Datasheet
259Kb / 6P
   SD Memory Card Connectors
logo
Mitsumi Electronics, Co...
CIM-F23 MITSUMI-CIM-F23 Datasheet
165Kb / 2P
   SD Memory Card Connectors
CIM-F22 MITSUMI-CIM-F22 Datasheet
192Kb / 2P
   SD Memory Card Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com